Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 23 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 23 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 27Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
23
Rev. A3
10/02/2025
WEL bit: Write Enable Latch (WEL) bit indicates the status of the internal write enable latch. When WEL bit is “0”,
the internal write enable latch is disabled and the Write operations described in Table 6.3 are inhibited. When WEL
bit is “1”, the Write operations are allowed. WEL bit is set by a Write Enable (WREN, 06h) instruction. Most of Write
Non-Volatile/Volatile Register, Program and Erase instruction must be preceded by a WREN instruction.
WEL bit can be reset by a Write Disable (WRDI) instruction. It will automatically reset after the completion of any
Write Non-Volatile Register, Program and Erase operation.
BP3, BP2, BP1, BP0 bits: The Block Protection (BP3, BP2, BP1 and BP0) bits are used to define the portion of
the memory area to be protected. Refer to Table 6.4 for the Block Write Protection (BP) bit settings. When a defined
combination of BP3, BP2, BP1 and BP0 bits are set, the corresponding memory area is protected. Any program or
erase operation to that area will be inhibited.
Note: A Chip Erase (CER) instruction will be ignored unless all the Block Protection Bits are “0”s.
SRWD bit: The Status Register Write Disable (SRWD) bit operates in conjunction with the Write Protection (WP#)
signal to provide a Hardware Protection Mode. When the SRWD is set to “0”, the Status Register is not write-
protected. When the SRWD is set to “1” and the WP# is pulled low (VIL), the bits of Status Register (SRWD, QE,
BP3, BP2, BP1, BP0) become read-only, and a WRSR instruction will be ignored. If the SRWD is set to “1” and
WP# is pulled high (VIH), the Status Register can be changed by a WRSR instruction.
QE bit: The Quad Enable (QE) is a non-volatile bit in the Status Register that allows quad operation. When the QE
bit is set to “0”, the pin WP# and HOLD#/RESET# are enabled. When the QE bit is set to “1”, the IO2 and IO3 pins
are enabled.
WARNING: The QE bit must be set to “0” if WP# or HOLD#/RESET# pin (or ball) is tied directly to the power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com