Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 17 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 17 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 21Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
17
Rev. A3
10/02/2025
Table 5.4 JEDEC Basic Flash Parameter Table
Description
Address
(Byte)
Address
(Bit)
Data
Minimum Sector Erase Sizes
30h
1:0
01b
Write Granularity
2
1b
Volatile Status Register Block Protect bits
3
0b
Write Enable Instruction Select for writing to Volatile Status
Register
4
0b
Unused
7:5
111b
4KB Erase Instruction
31h
15:8
20h
Supports (1-1-2) Fast Read
32h
16
1b
Address Bytes
18:17
01b
Supports Double Transfer Rate (DTR) Clocking
19
1b
Supports (1-2-2) Fast Read
20
1b
Supports (1-4-4) Fast Read
21
1b
Supports (1-1-4) Fast Read
22
1b
Unused
23
1b
Unused
33h
31:24
FFh
Flash memory Density (bits), 1Gb
34h
7:0
FFh
35h
15:8
FFh
36h
23:16
FFh
37h
31:24
3Fh
1-4-4 Fast Read Wait Cycle Count
38h
4:0
00100b
1-4-4 Fast Read Mode bit Cycle Count
7:5
010b
1-4-4 Fast Read Instruction
39h
15:8
EBh
1-1-4 Fast Read Wait Cycle Count
3Ah
20:16
01000b
1-1-4 Fast Read Mode bit Cycle Count
23:21
000b
1-1-4 Fast Read Instruction
3Bh
31:24
6Bh
1-1-2 Fast Read Wait Cycle Count
3Ch
4:0
01000b
1-1-2 Fast Read Mode bit Cycle Count
7:5
000b
1-1-2 Fast Read Instruction
3Dh
15:8
3Bh
1-2-2 Fast Read Wait Cycle Count
3Eh
20:16
00000b
1-2-2 Fast Read Mode bit Cycle Count
23:21
100b
1-2-2 Fast Read Instruction
3Fh
31:24
BBh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com