Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS25LEG-RLLA2:P-TR Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
2
Rev. A3
10/02/2025
FEATURES
• Industry Standard Serial Interface
- IS25LE01GG: 1Gbit/128Mbyte
- IS25WE01GG: 1Gbit/128Mbyte
- 3 or 4 Byte Addressing Mode
- Supports Standard SPI, Fast, Dual, Dual
I/O, Quad, Quad I/O, SPI DTR, Dual I/O
DTR, Quad I/O DTR, and QPI
- Software & Hardware Reset
- Supports Serial Flash Discoverable
Parameters (SFDP)
- Dedicated WP# as an option(3)
- 1-bit ERROR Detection and Correction
per 128-bit boundary (with ECC)
• High Performance Serial Flash (SPI)
- 66MHz Normal Read
- Up to166Mhz Fast Read (3.0V)
- Up to133Mhz Fast Read (1.8V)
- Up to 80MHz DTR (Dual Transfer Rate)
- Equivalent Throughput of 664 Mb/s
- Selectable Dummy Cycles
- Configurable Drive Strength
- Supports SPI Modes 0 and 3
- More than 100,000 Erase/Program Cycles
- More than 20-year Data Retention
• Flexible & Efficient Memory Architecture
- Chip Erase with Uniform Sector/Block
Erase (4/32/64KB or 4/32/256 KB)(2)
- Program 1 to 256 or 512 Byte per Page(2)
- Program/Erase Suspend & Resume
• Efficient Read and Program modes
- Low Instruction Overhead Operations
- Continuous Read 8/16/32/64 Byte
Burst Wrap
- Selectable Burst Length
- Data Learning Pattern for training in DTR
operation
• Low Power with Wide Temp. Ranges
- Single Voltage Supply
IS25LE: 2.70V to 3.60V
IS25WE: 1.65V to 1.95V
- 24 mA Active Read Current
- 60 µA Standby Current
- 2 µA Deep Power Down
- Temp Grades:
Extended: -40°C to +105°C
Auto Grade (A2): -40°C to +105°C
-
• Advanced Security Protection
- Software and Hardware Write Protection
- Advanced Sector/Block Protection
- Top/Bottom Block Protection
- 4x512 Byte Dedicated Security Area
with OTP User-lockable Bits
- 128 bit Unique ID for Each Device
(Call Factory)
• Industry Standard Pin-out & Packages(1)
- M =16-pin SOIC 300mil
- L = 8-contact WSON 8x6mm
- G = 24-ball TFBGA 6x8mm (4x6 ball array)
- H = 24-ball TFBGA 6x8mm (5x5 ball array)
- Green Package (RoHS Compliant,
Halogen-Free) and TSCA Compliant
Notes:
1. Call Factory for other package options available.
2. For optional 512 Byte Page size with 256 KB
Block size, see the Ordering Information.
3. For optional dedicated WP# with dedicated RESET#,
see the Ordering table.
1Gb
SERIAL FLASH MEMORY 166M/133HZ MULTI I/O SPI &
QUAD I/O QPI DTR INTERFACE WITH ON CHIP ECC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com