Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 34 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 34 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 38Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
34
Rev. A3
10/02/2025
6.4 BANK ADDRESS REGISTER
Related Commands: Read Volatile Bank Address Register (RDBR 16h/C8h), Write Volatile Bank Address
Register (WRBRV 17h/C5h), Write Non-Volatile Bank Address Register (WRBRNV 18h), Enter 4-byte Address
Mode (EN4B B7h), and Exit 4-byte Address Mode (EX4B 29h).
Bank Address Register Bit (8 bits) definitions are described in Table 6.17 and Table 6.18.
Table 6.16 Bank Address Register Bit Table
BA7
BA6
BA5
BA4
BA3
BA2
BA1
BA0
EXTADD
Reserved
Reserved
Reserved
Reserved
BA26
BA25
BA24
Default
0
0
0
0
0
0
0
0
Table 6.17 Bank Address Register Bit Definition
Bit
Name
Definition
Read-
/Write
Type
BA0
BA24
Enables 128Mb segment selection in 3-byte addressing
1Gb : BA24, BA25 and BA26
R/W
Non-Volatile
and Volatile
BA1
BA25
BA2
BA26
BA3
Reserved
Reserved
R
Reserved
BA4
Reserved
Reserved
R
Reserved
BA5
Reserved
Reserved
R
Reserved
BA6
Reserved
Reserved
R
Reserved
BA7
EXTADD
3-byte or 4-byte addressing mode selection Bit:
"0" indicates 3-byte addressing mode
"1" indicates 4-byte addressing mode
R/W
Non-Volatile
and Volatile
BA24, BA25, BA26: The Bank Address Register supplies additional high order bits of the main flash array byte
boundary address for legacy commands based systems, which supply only the low order 24 bits of address. The
Bank Addresses are used as the high bits of address (above A23) for legacy 3-byte address commands when
EXTADD=0.
The Bank Address is not used when EXTADD = 1 and traditional 3-byte address commands are instead required
to provide all four bytes of address.
EXTADD: Extended Address (EXTADD) controls the address field size for legacy SPI commands. When shipped
from factory, it is cleared to “0” for 3-byte addressing mode.
When set to “1” for 4-byte addressing mode, the legacy commands will require 4 bytes of address for the address
field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com