Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 22 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 22 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 26Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
22
Rev. A3
10/02/2025
6. REGISTERS
The device has many sets of Registers such as Status, Function, Read, and so on.
When the register is read continuously, the same data is output repeatedly until CE# goes HIGH.
6.1 STATUS REGISTER
Status Register Format and Status Register Bit Definitions are described in Tables 6.1 & 6.2.
Table 6.1 Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SRWD
QE
BP3
BP2
BP1
BP0
WEL
WIP
Default
0
0
0
0
0
0
0
0
Table 6.2 Status Register Bit Definition
Bit
Name
Definition
Read-
/Write
Type
Bit 0
WIP
Write In Progress Bit:
"0" indicates the device is ready (default)
"1" indicates a write cycle is in progress and the device is busy
R
Volatile
Bit 1
WEL
Write Enable Latch:
"0" indicates the device is not write enabled (default)
"1" indicates the device is write enabled
R/W1
Volatile
Bit 2
BP0
Block Protection Bit: (See Tables 6.4 for details)
"0" indicates the specific blocks are not write-protected (default)
"1" indicates the specific blocks are write-protected
R/W
Non-Volatile
Bit 3
BP1
Bit 4
BP2
Bit 5
BP3
Bit 6
QE
Quad Enable bit:
“0” indicates the Quad output function disable (default)
“1” indicates the Quad output function enable
R/W
Non-Volatile
Bit 7
SRWD
Status Register Write Disable: (See Table 7.1 for details)
"0" indicates the Status Register is not write-protected (default)
"1" indicates the Status Register is write-protected
R/W
Non-Volatile
Note: WEL bit can be written by WREN and WRDI commands, but cannot by WRSR command.
The BP0, BP1, BP2, BP3, QE, and SRWD are non-volatile and volatile memory cells that can be written by a Write
Status Register (WRSR) instruction. The default value of the BP0, BP1, BP2, BP3, QE, and SRWD bits were set
to “0” at factory.
The function of Status Register bits are described as follows:
WIP bit: Write In Progress (WIP) is read-only, and can be used to detect the progress or completion of a Program,
Erase, Write/Set Non-Volatile/OTP Register, or Gang Sector/Block Lock/Unlock operation. WIP is set to “1” (busy
state) when the device is executing the operation. During this time the device will ignore further instructions except
for Read Status/Extended Read Register and Software/Hardware Reset instructions. In addition to the instructions,
an Erase/Program Suspend instruction also can be executed during a Program or Erase operation. When an
operation has completed, WIP is cleared to “0” (ready state) whether the operation is successful or not and the
device is ready for further instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com