Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 100 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 100 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 96Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 97Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 98Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 99Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 100Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 101Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 102Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 103Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 104Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
100
Rev. A3
10/02/2025
8.20 WRITE STATUS REGISTER OPERATION (WRSR, 01h)
The Write Status Register (WRSR) instruction allows the user to enable or disable the block protection and Status
Register write protection features by writing “0”s or “1”s into BP3, BP2, BP1, BP0, and SRWD bits. Also WRSR
instruction allows the user to disable or enable quad operation by writing “0” or “1” into QE bit.
To write Status Register bits, a standard Write Enable (06h) instruction must previously have been executed for
the device to accept Write Status Register (01h) instruction (Status Register bit WEL must equal 1).
Figure 8.48 Write Status Register Sequence In SPI Mode
Instruction = 01h
CE #
SCK
SI
SO
Data In
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
7
3
2
1
0
6
5
4
High Impedence
Figure 8.49 Write Status Register QPI Sequence
01h
0
1
Mode 3
Mode 0
2
3
7:4
3:0
CE#
SCK
IO[3:0]
Data In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com