Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 101 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 101 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 97Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 98Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 99Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 100Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 101Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 102Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 103Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 104Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 105Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
101
Rev. A3
10/02/2025
8.21 READ FUNCTION REGISTER OPERATION (RDFR, 48h)
The Read Function Register (RDFR) instruction provides access to the Function Register. Refer to Table 6.6
Function Register Bit Definition for more detail.
Figure 8.50 Read Function Register Sequence In SPI Mode
Instruction = 48h
7
CE #
SCK
SI
3
2
SO
1
0
Data Out
6
5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
4
tV
Figure 8.51 Read Function Register QPI Sequence
48h
0
1
Mode 3
Mode 0
2
3
7:4
3:0
CE#
SCK
IO[3:0]
tV
Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com