Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 109 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 109 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 105Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 106Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 107Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 108Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 109Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 110Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 111Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 112Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 113Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
109
Rev. A3
10/02/2025
8.27 SET READ PARAMETERS OPERATION (SRPNV: 65h, SRPV: C0h/63h)
Set Read Parameter Bits
This device supports configurable burst length and dummy cycles in both SPI and QPI mode by setting three bits
(P2, P1, P0) and four bits (P6, P5, P4, P3) within the Read Register, respectively. To set those bits the SRPNV
and SRPV operation instruction are used. Details regarding burst length and dummy cycles can be found in Table
6.9, Table 6.10, and Table 6.11. HOLD#/RESET# function selection (P7) bit in the Read Register can be set with
the SRPNV and SRPV operation as well, in order to select HOLD#/RESET# pin as RESET# or HOLD#.
For the device with dedicated RESET# pin (or ball), RESET# pin (or ball) will be a separate pin (or ball) and it is
independent of the P7 bit setting in Read Register.
SRPNV is used to set the non-volatile Read Register, while SRPV is used to set the volatile Read Register.
To write non-volatile Read Parameter bits, a standard Write Enable (06h) instruction must previously have been
executed for the device to accept SRPNV(65h) instruction (Status Register bit WEL must equal “1”).
To write volatile Read Parameter bits (SRPV), 63h or C0h command can be used.
When using 63h instruction, a standard Write Enable (06h) instruction must previously have been executed for the
device to accept SRPV (63h) instruction (Status Register bit WEL must equal “1”).
But C0h instruction does not require a standard Write Enable (06h) operation. (Status Register bit WEL remains
“0”).
Note: When SRPNV is executed, the volatile Read Register is set as well as the non-volatile Read Register.
Figure 8.60 Set Read Parameters Sequence In SPI Mode
Instruction = 65h or C0h/63h
CE #
SCK
SI
SO
Data In
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
7
3
2
1
0
6
5
4
High Impedence
Figure 8.61 Set Read Parameters Sequence In QPI Mode
65h or
C0h/63h
0
1
Mode 3
Mode 0
2
3
7:4
3:0
CE#
SCK
IO[3:0]
Data In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com