Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 3Page - STMicroelectronics L7250 Datasheet HTML 4Page - STMicroelectronics L7250 Datasheet HTML 5Page - STMicroelectronics L7250 Datasheet HTML 6Page - STMicroelectronics L7250 Datasheet HTML 7Page - STMicroelectronics L7250 Datasheet HTML 8Page - STMicroelectronics L7250 Datasheet HTML 9Page - STMicroelectronics L7250 Datasheet HTML 10Page - STMicroelectronics L7250 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
7/46
L7250
CURdacr
DAC resolution
3
bit
CURdac_L DAC output
Reg04H ‘b4b3b2’ = 000
250
mV
CURdac_H DAC output
Reg04H ‘b4b3b2’ = 111
600
mV
CURlin
DAC linearity
-10
+10
mV
Cbrake
Icbrake
VCbrake leakage
VCbrake=5V
1
µA
VCM SECTION
CURRENT SENSE AMPLIFIER
Vts
Common mode input voltage
range.
GBD - not tested
-0.6
VM+1
V
Sns _voff Input offset voltage
-12
12
mV
Sns_gain0
Differential Voltage GAIN0
Reg09H ‘b7’ = 0
-5%
4.5
+5%
Sns _gain1 Differential Voltage GAIN1
Reg09H ‘b7’ = 1
-5%
16
+5%
Sns_low
Sns_high
VSENSE output saturation
voltage
Iload=+/-1mA
Vin_diff=+/- 500mV
4.75
250
mV
V
sns_slew
Output slew rate
Cload=50pF
1
V/µs
Sns_band
-3dB Bandwidth
Guaranteed by design
200
400
kHz
sns _cmrr Common mode rejection ratio
f < 10 KHz, tested at DC only
CMRR=AV DIFF/AV CM
70
dB
sns _svrr
supply voltage rejection ratio VCV f < 10 KHz, tested at DC only
60
dB
ERROR SUMMING AMPLIFIER
err _gain Voltage gain
no load
60
dB
err _band
Unity gain bandwidth
Guaranteed by design
4
MHz
err _slew Output Slew Rate
Cload=50pF
1.5
V/
µS
err _ibias
Input bias current
1
µA
err _off
Input offset voltage
-10
0
10
mV
err_svrr
supply voltage rejection ratio
f < 10 KHz, tested at DC only
60
dB
err _clamp
low
Low output (clamp) voltage
Isink = 1 mA, referred to Vref25
TBD
V
ELECTRICAL CHARACTERISTCS (continued)
POWER SUPPLY [VCC5 & VCV] VCC5 = 5V ±10%, VCV = 12V ±10%. Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com