Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 15Page - STMicroelectronics L7250 Datasheet HTML 16Page - STMicroelectronics L7250 Datasheet HTML 17Page - STMicroelectronics L7250 Datasheet HTML 18Page - STMicroelectronics L7250 Datasheet HTML 19Page - STMicroelectronics L7250 Datasheet HTML 20Page - STMicroelectronics L7250 Datasheet HTML 21Page - STMicroelectronics L7250 Datasheet HTML 22Page - STMicroelectronics L7250 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
19/46
L7250
[7:5]
Spslew[2:0]
000 = 10 V/us
001 = 20 V/us
010 = 30 V/us
011 = 40 V/us
100 = 50 V/us
101 = 60 V/us
110 = 70 V/us
111 = 80 V/us
REGISTER CTR3, ADDRESS: 05H
[0]
Sken
0 = shock sensor output no latched
1 = shock sensor output latched (to clear the latched information
a transition 1 -> 0 -> 1 is necessary)
[1]
Vnegen
0 = negative regulator disabled
1 = negative regulator enabled
[2]
TSDen
0 = thermal shutdown disabled
1 = thermal shutdown enabled
[6:3]
M[3:0]
masking while sensing ZC, expressed in terms of half samples
after window opening
In terms of electrical degrees the single mask step is 3.75.
[7]
SPIprot
0 = default protocol
1 = inverted SCLK protocol
REGISTER CTR4, ADDRESS: 06H
[0]
PREsmo
0 = spindle clock is system clock divided by two (FFWDADC clock
is system clock divided by 8)
1 = spindle clock is system clock (FFWDADC clock is system
clock divided by 4)
[2:1]
PREADC[1:0]
00 = sleep mode
01 = ADC clock is system clock divide by 4
10 = ADC clock is system clock divide by 2
11 = ADC clock is system clock
[7:3]
W[4:0]
Windowing while sensing ZC, expressed in terms of half samples
before TO value
In terms of electrical degrees the single window step is 3.75.
REGISTER CTR5, ADDRESS: 07H
[4:0]
TO[4:0]
Coarse and fine section of phase shift, applied for torque
optimization.
In terms of electrical degrees the Torque Optimizer single step is
0.937 electrical degrees.
[5]
FFWEn
0 = power supply compensation for spindle disabled
1 = power supply compensation for spindle enabled
[6]
Advance
0->1 increments by one the current sample position
[7]
LoadCP
0->1 enables load of TO value as the current sample position
REGISTER KVR, ADDRESS: 08H
[7:0]
Kv[7:0]
KVAL factor for speed loop control
Table 2. Register map content description (continued)
Bit
SPI field name
Content



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com