Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 9Page - STMicroelectronics L7250 Datasheet HTML 10Page - STMicroelectronics L7250 Datasheet HTML 11Page - STMicroelectronics L7250 Datasheet HTML 12Page - STMicroelectronics L7250 Datasheet HTML 13Page - STMicroelectronics L7250 Datasheet HTML 14Page - STMicroelectronics L7250 Datasheet HTML 15Page - STMicroelectronics L7250 Datasheet HTML 16Page - STMicroelectronics L7250 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
13/46
L7250
1.2 Default serial port timing Table
1.3 Inverted clock comunication modes (bit 7, Reg05H) = 1
To set the bit7, Reg05H to 1, entering this different comunication mode, a writing process using the default co-
munication protocol (see the above paragraph) must be used.
After the SEN falling edge, the internal state machine is waiting for the first SCLK rising edge. This means that
if the SCLK line starts from a low level the first rising edge, respecting the setup time Tefcr, is considered, and
is used to read the R/W bit. The internal state machine must see 16 SCLK rising edges to validate the write
operation. The write mode is started if the R/W bit is low on the first rising edge of SCLK. The read mode is
started if the R/W bit is high on the first rising edge of SCLK. The ID, Address, and Data are all then subsequent-
ly read by the L7250 on the rising edges of SCLK (See Figure 2).
The microcontroller has to read (latch) the data on the falling edge of the SCLK signal. L7250 presents the data
on the SCLK rising edge. During a read mode the last address bit is latched by the L7250 on the eighth rising
edge of SCLK. The internal state machine then turns the SDATA bit around for the L7250 to assume control at
the next SCLK falling edge (the first falling edge after the 8th SCLK rising edge).
Symbol
Parameter
Min
Max
Unit
Tcc
Serial clock period
30
ns
Tch
Serial clock high time
13
ns
Tcl
Serial clock low time
13
ns
Tcds
Serial data setup time to clock falling edge (write mode)
5
ns
Tcdh
Serial clock falling edge to serial data hold time (write mode)
4
ns
Tedh
Serial clock falling edge to serial data hold time (read mode)
5
ns
Tcdd
Serial data setup time to clock falling edge (read mode)
5
ns
Tel
Serial Enable low time
490
ns
Teh
Serial Enable high time
30
ns
Tefcf
Serial Enable falling edge to serial clock falling edge
17
ns
Tcfer
Serial clock falling edge to Serial enable rising edge
17
ns
Tdly
SDATA turn around delay time
0
ns
Note 1: All specifications with respect to 50% of signal switching thresholds
Note 2: Reading mode tested at Max 20Mhz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com