Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 26Page - STMicroelectronics L7250 Datasheet HTML 27Page - STMicroelectronics L7250 Datasheet HTML 28Page - STMicroelectronics L7250 Datasheet HTML 29Page - STMicroelectronics L7250 Datasheet HTML 30Page - STMicroelectronics L7250 Datasheet HTML 31Page - STMicroelectronics L7250 Datasheet HTML 32Page - STMicroelectronics L7250 Datasheet HTML 33Page - STMicroelectronics L7250 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
L7250
30/46
2) A second approach is considering to have the VCM in stop position; to enable it in current mode con-
figuration driving current in the right direction in order to be sure to mantain the stop position; to decre-
ment the 15bit DAC value to reach the zero current condition using the 10bit ADC to measure the
current value.
In the following diagram a detailed flow chart is presented.
Figure 10. VCM Current Loop Offset Calibration 2
Set VCM inTristate
Write Reg.03H
VCMState[2:0] = 001
START
Current Mode “ZeroIout”
Calibration Routine
Set 15BitDAC to have VCM Current
with no motion
Write Reg.09H & Reg.0Ah
Dac[14:0] = DACvalue
Set the GainSw to High or Low
Set VCM in En.Current Mode
Write Reg.03H
VCMState [2:0] = 011
Call
IoutDigitalVal
Routine
Polarity check
ADC_DATA[9] = 0
Flag_A=0
EXIT
Current Mode “ZeroIout”
Calibration Routine
Yes
No
Flag_A=0
DACvalue=1200 ( 0x4B0 )
Note 1
DACvalue-=1
DACvalue<-1200
EXIT with Error 1
Calibration not performed
Positive offset to big
Yes
No
START 10Bit ADC Conversion
of the Iout Channel
Write Reg.0CH
ADC_CH_ADDR[1:0] =00
ADC_START=1
EXIT
IoutDigitalVal
Routine
Wait End of
Conversion
Read 10Bit ADC
Read Reg.0BH
ADC_DATA[9:2]
Read Reg.0CH
ADC_DATA[1:0]
YES
NO
START
IoutDigitalVal
Routine
Update the 15BitDAC
Write Reg.09H & Reg.0Ah
Dac[14:0] =DACvalue
Iout
Yes
StoreDACvalue
As reference for
ZEROIout
No
Flag_A=1
EXIT with Error 2
Calibration not performed
Negative offset to big
Wait 20msec
Call
IoutDigitalVal Routine
Iout_Offset = ADC_DATA[9:0]
Note 2
Note 1 : once the VCM will be enabled in current mode with the DAC value at 1200 the current will keep the motor against the crash stop position
Note 2 : with the VCM in tristate, the result of the digital conversion of the Iout Channel has to be used as ZERO current offset value
ADC_DATA[9:0] -= Iout_offset
( Subtract the offset )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com