Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 29Page - STMicroelectronics L7250 Datasheet HTML 30Page - STMicroelectronics L7250 Datasheet HTML 31Page - STMicroelectronics L7250 Datasheet HTML 32Page - STMicroelectronics L7250 Datasheet HTML 33Page - STMicroelectronics L7250 Datasheet HTML 34Page - STMicroelectronics L7250 Datasheet HTML 35Page - STMicroelectronics L7250 Datasheet HTML 36Page - STMicroelectronics L7250 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
33/46
L7250
Figure 12. VCM Bemf Offset Calibration CLEAR Routine
Set VCM in Tristate
Write Reg.03H
VCMState[2:0] = 001
START
VCM Bemf offset calibration
CLEAR Routine
Set PREADC in Sleep
Write Reg.06H
PREADC[1:0] = 00
Read 10Bit ADC
Read Reg.0BH
ADC_DATA[9:2] =00000000 (reset value)
Read Reg.0CH
ADC_DATA[1:0] =00XXXXXX (reset value)
Latch Offset Compensation
Write Reg.03H
BemfOffCal = 1
then
BemfOffCal = 0
Set ADC Clock
Write Reg.06H
PREADC[1:0] = 01
EXIT
VCM Bemf offset calibration
CLEAR Routine
OPTIONAL
Reset Rm/Rs FINE Calibration
Write Reg.02H
Rlcalib[3:0] = 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com