Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 34Page - STMicroelectronics L7250 Datasheet HTML 35Page - STMicroelectronics L7250 Datasheet HTML 36Page - STMicroelectronics L7250 Datasheet HTML 37Page - STMicroelectronics L7250 Datasheet HTML 38Page - STMicroelectronics L7250 Datasheet HTML 39Page - STMicroelectronics L7250 Datasheet HTML 40Page - STMicroelectronics L7250 Datasheet HTML 41Page - STMicroelectronics L7250 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
L7250
38/46
4
POWER MONITOR, VOLTAGE REGULATORS AND SHOCK SENSOR
4.1 NPOR - Power ON Reset
The Power On Reset circuit monitors 12V and 5V power supplies as well as 3.3V and 2.5V regulators. If any
monitored voltage falls below its under voltage threshold, NPOR is latched low after an internal glitch filter delay.
When the positive regulators are in position, a delay time is added, the POR delay, before NPOR goes high and
the reset condition is cleared. During this delay time, any power fault will reset the POR delay and start the
process over again.
TDelay = 0.520 * Cext
Where :
Cext = External capacitor on pin CPOR measured in uF.
4.2 Linear Voltage Regulators:1.8V & 3.3V
The 3.3V linear use an external NPN transistor connected to the 5V power supply line, instead the 1.8V linear
regulator use an external NPN transistor that could be connected to the 3.3V line or to the 5V power supply line.
To fix the 1.8V regulator voltage output an external resistor divider as to be used.
The regulated voltage could be varied around the 1.8V value (from 1.3V to 2V) choosing the external divider
appropriately.
The stability of the two regulators is guarantee by the external filter capacitor .
The internal Vbg reference is trimmed at the wafer level.
Figure 16. Linear positive regulators
Vb g
15
16
R2
R1
33 _B a s e
3 3_F e e d
V CC5
Vb g
13
14
R2 e x t
R1 e x t
25_B a se
25_F e e d
V CC5
1.8V ou tp u t
3.3V ou tp u t
Cex t
Ce x t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com