Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 8Page - STMicroelectronics L7250 Datasheet HTML 9Page - STMicroelectronics L7250 Datasheet HTML 10Page - STMicroelectronics L7250 Datasheet HTML 11Page - STMicroelectronics L7250 Datasheet HTML 12Page - STMicroelectronics L7250 Datasheet HTML 13Page - STMicroelectronics L7250 Datasheet HTML 14Page - STMicroelectronics L7250 Datasheet HTML 15Page - STMicroelectronics L7250 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
L7250
12/46
Figure 1. Default serial port timing diagram (bit 7, Reg05H = 0)
Note1: During writing process L7250 latches the data on the SCLK falling edge (the ASIC is writing on the SCLK
rising edge)
Note2: During reading process L7250 takes the bus control on the next SCLK rising edge after the 8th SCLK
falling edge
The L7250 write the data on the SCLK falling edge respecting the data hold time (Tedh)
Note3: The ID number for the L7250 is ID1=ID2=ID3=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com