Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 17Page - STMicroelectronics L7250 Datasheet HTML 18Page - STMicroelectronics L7250 Datasheet HTML 19Page - STMicroelectronics L7250 Datasheet HTML 20Page - STMicroelectronics L7250 Datasheet HTML 21Page - STMicroelectronics L7250 Datasheet HTML 22Page - STMicroelectronics L7250 Datasheet HTML 23Page - STMicroelectronics L7250 Datasheet HTML 24Page - STMicroelectronics L7250 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
21/46
L7250
2
SPINDLE MOTOR CONTROLLER
Figure 3.
2.1 Spindle Smoothdrive Functionality
L7250 utilizes ST's proprietary Smoothdrive commutation algorithm. Smoothdrive is a voltage mode pseudo-
sinusoidal spindle drive scheme where the duty cycles of the three windings are modulated to form sinusoidal
voltages across each winding. The system determines the shape and amplitude of the driving voltages in a
completely digital manner.
2.2 SYSCLK
The Smoothdrive system clock comes through the SYSCLK pin.
The system expects either 33MHz or 16.5MHz on this pin, and needs 16.5MHz internally. A SYSCLK divide by
two can be enabled by a SPI register bit PRESMO to accomodate a 33MHz external clock.
2.3 Smoothdrive Wave shape
The basic Smooth drive wave shape is stored in digital memory. A voltage profile designed to reduce switching
losses and increase the voltage headroom has been implemented. Essentially, two phases are PWM'ed, while
the low side driver of the third phase is on at 100% duty cycle. The PWM duty cycles are modulated in such a
way as to result in sinusoidal currents on all 3 motor phases. Driving in this manner, as opposed to driving true
sinusoids on all three phases, results in improved headroom and efficiency, approaching that of conventional 6
state commutation.
The system is phase locked to the motor by sensing one BEMF zero crossing on one winding, once per electrical
VM
HGU
MOTU
LGU
FET
GATE
DRIVE
VM
HGV
MOTV
LGV
FET
GATE
DRIVE
VM
HGW
MOTW
LGW
FET
GATE
DRIVE
xx
SMOOTHDRIVE
PROFILE
MEMORY/
LOGIC
MEMORY
ADDRESS
COUNTER
(N=48)
DIGITAL
MULTIPLIER
COUNTER
&
COMPARATORS
xx
CTAP
WINDOW
MASK
PWM MASK
ZERO
CROSSING
PERIOD
COUNTER
16+4 BIT
FSCAN
COUNTER
ZC
Tc
FSCAN
BEMF
COMP.
CURRENT
LIMIT
COMP.
ADVANCE
BIT
OLSIX/OLSIN
OR CLSIX/CLSIN
KVAL
REGISTER
KVAL
COARSE
PHASE
ADVANCE
BITS
FINE
PHASE
ADVANCE
BITS
SYSCLK
16.5MHZ
SPINDLE
MOTOR
LOADCP
BIT
SMOOTHDRIVE
RAW
DUTY CYCLE
SMOOTHDRIVE
MODULATED
DUTY CYCLE
TIME DOMAIN
DUTY CYCLE
SIGNALS
SPSENH
VM
ADC
START-OF-COUNT
SUPPLY
VOLTAGE
COMPENSATION
MASK
REGISTERS
WINDOW
TRISTATE
CMD
6 State
or
Sine
Mode
CUR DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com