Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 12Page - STMicroelectronics L7250 Datasheet HTML 13Page - STMicroelectronics L7250 Datasheet HTML 14Page - STMicroelectronics L7250 Datasheet HTML 15Page - STMicroelectronics L7250 Datasheet HTML 16Page - STMicroelectronics L7250 Datasheet HTML 17Page - STMicroelectronics L7250 Datasheet HTML 18Page - STMicroelectronics L7250 Datasheet HTML 19Page - STMicroelectronics L7250 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
L7250
16/46
Table 1. Register Map
addr
b7
b6
b5
b4
b3
b2
b1
b0
name
mnemoni
c
attributes
00H
SPNCurrSi
gn
VCMcalOut
ZCBad
ThShutdown
ThWarn
rev2
rev1
rev0
SR
status
readonly
01H
RLvoltage1
[1]
RLvoltage1
[0]
RLvoltage2
[1]
RLvoltage2
[0]
Rltimer[2]
Rltimer[1]
Rltimer[0]
NoBrake
VCM1
VCM RLreg
read/write
02H
ShockConf
ShockTh[0]
RLToffBrake
[1]
RLToffBrake
[0]
Rlcalib[3]
Rlcalib[2]
Rlcalib[1]
Rlcalib[0]
VCM2
VCMRL reg
read/write
03H
BemfOffCal
VCMState2
VCMState1
VCMState0
SPstate3
SPstate2
SPstate1
SPstate0
CTR1
SP&VCMst
ate
read/write
04H
SPslew2
SPslew1
SPslew0
Curdac2
Curdac1
Curdac0
PWMmask1
PWMmask0
CTR2
control
read/write
05H
SPIprot
m3
m2
m1
m0
TSDen
VnegEn
Sken
CTR3
control
read/write
06H
w4w3w2w1
w0
PREADC(1)
PREADC(0)
PREsmo
CTR4
control
read/write
07H
LoadCP
Advance
FFWEn
TO4
TO3
TO2
TO1
TO0
CTR5
control
read/write
08H
Kv7
Kv6
Kv5
Kv4
Kv3
Kv2
Kv1
Kv0
KVR
Kval
read/write
09H
GainSwitch
dac14
dac13
dac12
dac11
dac10
dac9
dac8
DAR1
DAC reg 1
read/write
0AH
dac7
dac6
dac5
dac4
dac3
dac2
dac1
dac0
DAR2
DAC reg 2
read/write
0BH
ADC_DATA
(9)
ADC_DATA
(8)
ADC_DATA
(7)
ADC_DATA
(6)
ADC_DATA
(5)
ADC_DATA
(4)
ADC_DATA
(3)
ADC_DATA
(2)
ADR
ADC reg
readonly
0CH
ADC_DATA
(1)
ADC_DATA
(0)
ADC_RES
_ADDR(1)
ADC_RES
_ADDR(0)
ADCRange
ADC_CH_
ADDR(1)
ADC_CH_
ADDR(0)
ADC_START
ADR
ADC reg
read/write
0DH
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
read/write
0EH
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
read/write
0FH
test7
test6
test5
test4
test3
test2
test1
test0
TEST
test
read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com