Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 11Page - STMicroelectronics L7250 Datasheet HTML 12Page - STMicroelectronics L7250 Datasheet HTML 13Page - STMicroelectronics L7250 Datasheet HTML 14Page - STMicroelectronics L7250 Datasheet HTML 15Page - STMicroelectronics L7250 Datasheet HTML 16Page - STMicroelectronics L7250 Datasheet HTML 17Page - STMicroelectronics L7250 Datasheet HTML 18Page - STMicroelectronics L7250 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
15/46
L7250
1.4 Inverted clock serial port timing Table
Symbol
Parameter
Min
Max
Unit
Tcc
Serial clock period
30
ns
Tch
Serial clock high time
13
ns
Tcl
Serial clock low time
13
ns
Tcds
Serial data setup time to clock falling edge (write mode)
5
ns
Tcdh
Serial clock falling edge to serial data hold time (write mode)
4
ns
Tedh
Serial clock falling edge to serial data hold time (read mode)
5
ns
Tvld
Serial clock rising edge to SDATA stable time (read mode)
Cload=5pF (see Note2)
Cload=50pF (see Note2)
11
15
ns
ns
Tel
Serial Enable low time
490
ns
Teh
Serial Enable high time
30
ns
Tefcr
Serial Enable falling edge to serial clock rising edge
17
ns
Tcrer
Serial clock rising edge to Serial enable rising edge
17
ns
Tdly
SDATA turn around delay time
0
ns
Note 1: All specifications with respect to 50% of signal switching thresholds
Note 2: In reading mode the clock frequency is limited by this parameter;
in fact the min ‘serial clock high time’ is defined by (Tvld+Tasu)
where Tasu = min ASIC setup time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com