Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 2Page - STMicroelectronics L7250 Datasheet HTML 3Page - STMicroelectronics L7250 Datasheet HTML 4Page - STMicroelectronics L7250 Datasheet HTML 5Page - STMicroelectronics L7250 Datasheet HTML 6Page - STMicroelectronics L7250 Datasheet HTML 7Page - STMicroelectronics L7250 Datasheet HTML 8Page - STMicroelectronics L7250 Datasheet HTML 9Page - STMicroelectronics L7250 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
L7250
6/46
NPORpull
NPOR internal pull_up resistor to
V33
6Kohm
CPORIc
CPOR charging current
Vout = 0V
5
uA
CPORlow
CPOR low level output voltage
VCV > 4.5V Iol = 1mA
50
mV
Vref25
2.5V reference voltage
-5%
2.5
+5%
V
THERMAL WARNING AND THERMAL SHUTDOWN
Twarn
Thermal warming temperature
Characterized, tested by
correlation.
130
140
150
°C
Tsoff
Thermal Shutdown temperature
Characterized, tested by
correlation
150
165
180
°C
Thys
Thermal Hysteresis
valid for both temperature
thresholds
20
25
30
°C
VM ISOLATION FET
IsoR
Rds ON
@ 125°C , I=2.5A
0.1
Ohm
IsoI
Continuous current
2.5
A
SPINDLE DRIVER SECTION
POWER STAGE
Rds(on)
Total output ON resistance
(Source + Sink)
@ 125°C, I=2.5A
0.9
Idsx
Output leakage current
-200
-500
µA
CTlkg
Centarl tap leakage
1
µA
DiodeFw Clamp diode forward voltage
If = 2.5A
0.6
1.2
V
Slew
Output slew rate
OUTx 10% to 90%
Reg04H ‘b7b6b5’ = 011
40
V/
µS
BACK EMF COMPARATOR
Vie
Common mode input voltage
range.
Guaranteed by design
0
VM
V
Vr
Input voltage range where output
shall not invert.
Guaranteed by design
-1
VM+1
V
BEMFoff
BEMF input offset
CT = 6V
-15
+15
mV
BEMFhy
BEMF hysteresys
CT = 6V
50
mV
SPINDLE CURRENT LIMITING
Iin
RSENSE Input bias current.
0 < Vin < 3.3V
1
µA
CURoff
Comparator offset
-15
+15
mV
ELECTRICAL CHARACTERISTCS (continued)
POWER SUPPLY [VCC5 & VCV] VCC5 = 5V ±10%, VCV = 12V ±10%. Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com