Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 27Page - STMicroelectronics L7250 Datasheet HTML 28Page - STMicroelectronics L7250 Datasheet HTML 29Page - STMicroelectronics L7250 Datasheet HTML 30Page - STMicroelectronics L7250 Datasheet HTML 31Page - STMicroelectronics L7250 Datasheet HTML 32Page - STMicroelectronics L7250 Datasheet HTML 33Page - STMicroelectronics L7250 Datasheet HTML 34Page - STMicroelectronics L7250 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
31/46
L7250
3.8 VCM Ramp Load / Unload System
Figure 11.
The Ramp Load system is designed to allow a microcontrolled assisted constant velocity for ramp loading and
unloading.
VCM Current-Voltage-Bemf monitor circuitry is integrated for the loading or unloading operation. VCM Current-
Voltage-Bemf are converted in digital by a 10 bit AD converter and can be read through the serial port.
3.8.1 Load/Unload operation at power good
When both the 12V and 5V are present, the Load/Unload operation can be assisted by the microcontroller. The
power stage can be driven in both current and voltage mode and the velocity of the Load/Unload operation is
controlled by reading the internal registers that give information regarding the VCM current, voltage and the
Bemf generated by the VCM motion.
The VCM current measurements is done by sending to the AD converter the output of the VCM Current Sense
Ampl.
The VCM voltage is measured by connecting an operational amplifier, with a scaling factor, to the VCMP and
VCMN of the power stage.
The VCM Bemf detection is done using a first amplifier, having a controlled gain, followed by a second opera-
tional amplifier implementing the transfer function necessary to BEMF reconstruction. The programmable gain
of the first operational amplifier it is necessary to consider various coil resistance values related to different ap-
plication.
The BEMF information is carry out on pin VCMBEMF (31) for filtering pourpose (the output impedance is typi-
cally set to 500ohm).
The conversion in digital of these parameters is used by the microcontroller as a feedback to close the velocity
control loop during the ramp loading or unloading operation, and to perform calibrations.
All these signals can enter directly the ADC block (ADCrange bit = 0) or can be scaled to adjust the dynamic
range to the ADC one (ADCRange bit = 1).
The scaling factor is set equal to 2.25 for the ‘Current’, ‘Voltage’, ‘Auxiliary’ input channels, while is set to 1.25
for the ‘Bemf’ input channel.
Rs VCMN
VCM
VCMP
+A
-A
+
_
+
_
+
_
_
+
Current
ADC
10 bit
Voltage
Bemf
Sel&start
Gain
Calibration
Procedure
VCM
Predriver
(Sense Ampl)
to
Serial Port
Offset
calibration
VGA
CalCoarse
29
Vcontrol
5 MSB from
ADC
Fine calibration
bit from
Serial Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com