Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 36Page - STMicroelectronics L7250 Datasheet HTML 37Page - STMicroelectronics L7250 Datasheet HTML 38Page - STMicroelectronics L7250 Datasheet HTML 39Page - STMicroelectronics L7250 Datasheet HTML 40Page - STMicroelectronics L7250 Datasheet HTML 41Page - STMicroelectronics L7250 Datasheet HTML 42Page - STMicroelectronics L7250 Datasheet HTML 43Page - STMicroelectronics L7250 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
L7250
40/46
4.4 Negative Voltage Regulator (CUK configuration)
Programming the Test Register Reg 0FH to ‘00101001’ it is possible to re-configurate the negative regulator
loop inverting its polarity. All the others test register (Reg0FH) configurations are resetting to the default nega-
tive voltage regulator loop polarity (take care to avoid the test register bits modification if the ‘CUK configuration’
hardware is present and the negative regulator is enabled).
The functionality of the regulator is the same descripted on the previous paragraph with the difference that the
loop polarity is reversed to permit to drive the external Nch component.
During this operation the nominal value of the triangular wave oscillator frequency is always fixed to 1 MHz.
The NVR is controlled via serial port (using the Reg. 05H -> b1 the regulator could be turned on and off).
Take care to program correctly the Test Register to enter the CUK configuration before to enable the NVR.
During the power-up and power-down phases the regulator is always off being the serial port in reset status then
the VnegEn bit equal to zero. During those phases the N_DRV output driver is in tri-state condition then an ex-
ternal pull-down to assure the Nch off condition must be considered.
Figure 18. Negative regulator (CUK configuration) - Test register => 00101001
12
N_ C O M P
10
N_ DR V
V CC5
21
VR E F 2 5
Vb g
(typ 1.25 )
11
N _ F EED
R1 ex t
M1 ex t
R2e xt
Rce x t
Cce x t
Cfe xt
1Mhz
C1 ex t
5K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com