Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 16Page - STMicroelectronics L7250 Datasheet HTML 17Page - STMicroelectronics L7250 Datasheet HTML 18Page - STMicroelectronics L7250 Datasheet HTML 19Page - STMicroelectronics L7250 Datasheet HTML 20Page - STMicroelectronics L7250 Datasheet HTML 21Page - STMicroelectronics L7250 Datasheet HTML 22Page - STMicroelectronics L7250 Datasheet HTML 23Page - STMicroelectronics L7250 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
L7250
20/46
REGISTER DAR1, ADDRESS: 09H
[6:0]
Dac[14:8]
7 MSB for VCM dac
[7]
GainSwitch
0 = gain voltage of the VCM sense amplifier equal to 4.5 V/V
1 = gain voltage of the VCM sense amplifier equal to 16 V/V
REGISTER DAR2, ADDRESS: 0AH
[7:0]
Dac[7:0]
8 LSB for VCM dac
REGISTER ADR, ADDRESS: 0BH
[7:0]
ADC_DATA[9:2]
8 MSB output data from ADC conversion
REGISTER ADR, ADDRESS: 0CH
[0]
ADCSTART
0-> 1 starts a new ADC conversion
[2:1]
ADC_CH_ADDR[1:0]
Channel whose conversion is required
00 = VCM current sense amplifier output
01 = VCM voltage amplifier output
10 = VCM BEMF
11 = Auxiliary Channel (external pin)
[3]
ADCrange
0 = the 4 signals enter directly (maintaining the proper dynamic
range) the ADC block
1 = the 4 signals are scaled down to the ADC dynamic range
[5:4]
ADC_RES_ADDR[1:0]
Channel whose result conversion is currently present in
ADC_DATA
REGISTER ADR, ADDRESS: 0DH
0DH [7:0]
reserved
REGISTER ADR, ADDRESS: 0EH
0EH [7:0]
reserved
REGISTER ADR, ADDRESS: 0FH
0FH [7:0]
Test[7:0]
Test register
Table 2. Register map content description (continued)
Bit
SPI field name
Content



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com