Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 20Page - STMicroelectronics L7250 Datasheet HTML 21Page - STMicroelectronics L7250 Datasheet HTML 22Page - STMicroelectronics L7250 Datasheet HTML 23Page - STMicroelectronics L7250 Datasheet HTML 24Page - STMicroelectronics L7250 Datasheet HTML 25Page - STMicroelectronics L7250 Datasheet HTML 26Page - STMicroelectronics L7250 Datasheet HTML 27Page - STMicroelectronics L7250 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
L7250
24/46
2.7.2 Open Loop Commutation
After position sense is complete, the microcontroller commutates the motor following a constant acceleration
profile until sufficient BEMF is developed to reliably measure it.
The starting position of the open loop commutation, determined by the position sense routine, is set up by first
initializing the Memory Address Counter using LOADCP (*1), then clocking ADVANCE (*2) the appropriate
number of times (8 pulses per 6 state position). The spindle state will be OLCOAST while setting the initial state.
Then, drivers are enabled in either OL_SIX or OL_SIN modes (*3) , depending on whether 6 state or sine mode
open loop commutation is desired. Once the motor is accelerated up to an appropriate speed (*4) , the motor
is tri-stated by transitioning to the OLCOAST (*5) and then CLCOAST states, as described below, to synchro-
nize the Smoothdrive system to the motor.
Figure 5. Open Loop Commutation
2.7.3 Synchronization to Smoothdrive Commutation
When the open loop commutation is complete, the drivers are put in OLCOAST mode, and after a delay for set-
ting the Bemf sampling period, CLCOAST is asserted, so that a ZC Period (Tc, the time between two BEMF
zero crossings) can be detected and measured.
The BEMF sampling period is set in OLCOAST (*1) and after a delay (30 usec ) a Load CP (*2) is asserted.
After a delay of time Tc0 (300usec suggested) another Load CP is asserted (*3); this initializes the electrical
period for BEMF sampling. Once pregrammed the transition to CLCOAST (*4) , the BEMF is sampled at the
rate of Tc0 to look for two consecutive LOW readings (in anticipation of the LOW->HI zero crossing transition
(*5) ).
After the first ZC rising edge, the BEMF sampling period is refreshed to Tc0 value.
If two consecutive ZC edges are detected (*6), then after the last rising edge the Smoothdrive commutation is
synchronized with the motor rotor position and it is ready to be programmed in closed loop commutation .
At least two ZCs must be observed before transitioning to closed loop spinup (CLSIX or CLSIN) (*7a or *7b) .
This ensures that the Smoothdrive circuitry is synchronized to the spindle motor.
Set Load Coarse Phase
Write Reg.07H
LoadCP = 1
(*1)
Set ADVANCE
Write Reg.07H
Advance = 1
Nadv=Nalign
Inc Nadv
START
Open Loop Commutation
Nadv=0 , i=0
Note2: Nalign is received from
the Inductive Sense routine
Indicating the rotor position
alignement
Accelerate in
Sine or Six
Set Open Loop SINE
Write Reg.03H
Spstate[3:0] =0011
Set Open Loop SIX
Write Reg.03H
Spstate[3:0] =0010
Set ADVANCE
Write Reg.07H
Advance = 1
Wait the End of
RAMP_DELAY[ i ]
Inc i
i = RAMP_Steps
Set OLCOAST
Write Reg.03H
Spstate[3:0]=0001
EXIT
Open Loop
Commutation
(*2)
(*3)
(*4)
(*5)
SINE
SIX
Note1: Spstate[3:0] condition has
been set in OLCOAST
by the Inductive Sense
Routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com