Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 22Page - STMicroelectronics L7250 Datasheet HTML 23Page - STMicroelectronics L7250 Datasheet HTML 24Page - STMicroelectronics L7250 Datasheet HTML 25Page - STMicroelectronics L7250 Datasheet HTML 26Page - STMicroelectronics L7250 Datasheet HTML 27Page - STMicroelectronics L7250 Datasheet HTML 28Page - STMicroelectronics L7250 Datasheet HTML 29Page - STMicroelectronics L7250 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
L7250
26/46
2.8 Spindle PWM Current Limiting
Peak motor current is limited with a fixed frequency PWM scheme that works in conjunction with the Smooth-
drive PWM rate. When the current limit threshold is reached the motor is put in brake condition, and it is re-
enabled at the beginning of the next PWM cycle if the current limiting condition is false.
Spindle current is sensed via an external resistor connected from the low side driver sources to ground. This
sense voltage is compared to an internal programmable voltage reference (Reg04H Currdac[2:0]).
There is a built in digital filter, generating a SYSCLK derived delay (20 * SYSCLK period) from the over current
event. This delay appears on both edges of the current limiting comparator.
2.9 Slew Rate Control
Closed loop Voltage Slew rate control is provided on both edges for the high and low side drivers. The slew rate
value can be set with three bits in the serial port (Reg04H Spslew[2:0]). Slew rates up to 80V/us and down to
10V/us will be controllable.
2.10 Synchronous rectification
The appropriate low-side driver is enabled during the off-time phase to conduct recirculation current with a lower
voltage drop than the low side driver body diode, reducing power losses. Crossover current protection is pro-
vided to prevent shoot-through currents.
2.11 Open loop and closed loop brake
Spindle braking may be done while keeping the Smoothdrive system in sync with the motor, or not.
Closed Loop Braking means ZC's are still being detected in the same way as when normally commutating. So,
all 3 motor phases are driven low, but when the window is normally opened to look for a ZC, MOTU is tri-stated.
When the ZC occurs, MOTU is driven low as the other motor phases, until the next window comes up. A mo-
tionless motor will wait for a ZC, keeping MOTU tri-stated and the other two phases low. Open loop braking
means that all 3 motor phases are driven low, and ZC's are not detected.
Braking caused by a power fault is
always open loop braking.
CBRK provides control voltage for brake circuitry after power fails. An external cap on this pin is charged to 5V,
so that the cap stays charged after a power failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com