Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 14Page - STMicroelectronics L7250 Datasheet HTML 15Page - STMicroelectronics L7250 Datasheet HTML 16Page - STMicroelectronics L7250 Datasheet HTML 17Page - STMicroelectronics L7250 Datasheet HTML 18Page - STMicroelectronics L7250 Datasheet HTML 19Page - STMicroelectronics L7250 Datasheet HTML 20Page - STMicroelectronics L7250 Datasheet HTML 21Page - STMicroelectronics L7250 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
L7250
18/46
[5:4]
RLToffBrake[1:0]
Selects the duration of Toff (Ton) active brake phase:
00 = 300usec
01 = 400usec
10 = 500usec
11 = 600usec
[7]
SkockConf
Selects the Shock Sensor application
0 = piezo element
1 = charging element
[6]
SkockTh[0]
Selects the Shock Sensor threshold
0 = Vref +/- 200mV
1 = Vref +/- 500mV
REGISTER CTR1, ADDRESS: 03H
[3:0]
Spstate[3:0]
0000 = CLCOAST
0001 = OLCOAST
0010 = OLSIX
0011 = OLSIN
0100 = OLBRAKE
0101 = INDSENSE
0110 = CLSIX
0111 = CLSIN
1000 = CLBRAKE
[6:4]
VCMstate[2:0]
Possible states for the VCM:
000 = Unload/Retract
001 = tri-state
010 = brake
011 = enable current mode
100 = enable voltage mode
101 = offset calibration
110 = confirm the previous state
111 = confirm the previous state
[7]
BemfOffCal
VCM BEMF processor offset calibration
REGISTER CTR2, ADDRESS: 04H
[1:0]
PWMmask[1:0]
Selects the length of the mask over PWM rising edge:
00 = 2 us
01 = 4 us
10 = 6 us
11 = 8 us
[4:2]
Currdac[2:0]
Selects the voltage threshold for the spindle current limiter:
000 = 250mV
001 = 300mV
010 = 350mV
011 = 400mV
100 = 450mV
101 = 500mV
110 = 550mV
111 = 600mV
Table 2. Register map content description (continued)
Bit
SPI field name
Content



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com