Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 13Page - STMicroelectronics L7250 Datasheet HTML 14Page - STMicroelectronics L7250 Datasheet HTML 15Page - STMicroelectronics L7250 Datasheet HTML 16Page - STMicroelectronics L7250 Datasheet HTML 17Page - STMicroelectronics L7250 Datasheet HTML 18Page - STMicroelectronics L7250 Datasheet HTML 19Page - STMicroelectronics L7250 Datasheet HTML 20Page - STMicroelectronics L7250 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
17/46
L7250
Table 2. Register map content description (continued)
Bit
SPI field name
Content
REGISTER SR, ADDRESS: 00H
[2:0]
Rev[2:0]
Revision number of the device, set internally
[3]
ThWarn
Thermal warning
[4]
ThShutdown
Thermal shutdown
[5]
ZCbad
Signals a problem with spindle speed loop synchronism
[6]
VCMcalOut
VCM error output in calibration mode
[7]
SPNCurrSign
Spindle current sign to implement adaptive torque optimizer
control
REGISTER VCM1, ADDRESS: 01H
[0]
NoBrake
0=VCM active brake phase enabled
1= VCM active brake phase disabled
[3:1]
Rltimer[2:0]
000 = only Unload1 is enabled
001 = threshold set to 0.4V
010 = threshold set to 0.8V
011 = threshold set to 1.2V
100 = threshold set to 1.6V
101 = threshold set to 2V
110 = threshold set to 2.4V
111 = only Unload2 is enabled
[5:4]
Rlvoltage2[1:0]
Selects between 4 values of unload voltage in Unload2 phase:
00 = 1V
01 = 1.125V
10 = 1.250V
11 = 1.375V
[7:6]
Rlvoltage1[1:0]
Selects between 4 values of unload voltage in Unload1 phase:
00 = 0.375V
01 = 0.5V
10 = 0.625V
11 = 0.75V
REGISTER VCM2, ADDRESS: 02H
[3:0]
Rlcalib[3:0]
0111 = 29.4%
0110 = 25.2%
0101 = 21%
0100 = 16.8%
0011 = 12.6%
0010 = 8.4%
0001 = 4.2%
0000 = 0%
1111 = -4.2%
1110 = -8.4%
1101 = -12.6%
1100 = -16.8%
1011 = -21%
1010 = -25.2%
1001 = -29.4%
1000 = -33.6%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com