Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 5Page - STMicroelectronics L7250 Datasheet HTML 6Page - STMicroelectronics L7250 Datasheet HTML 7Page - STMicroelectronics L7250 Datasheet HTML 8Page - STMicroelectronics L7250 Datasheet HTML 9Page - STMicroelectronics L7250 Datasheet HTML 10Page - STMicroelectronics L7250 Datasheet HTML 11Page - STMicroelectronics L7250 Datasheet HTML 12Page - STMicroelectronics L7250 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
9/46
L7250
ADC AUXILIARY INPUT
AUX_ran
ge0
Input range 0
Reg06H ‘b3’ = 0
Referred to Vref25
±1
V
AUX_ran
ge1
Input range 1
Reg06H ‘b3’ = 1
Referred to Vref25
±2.25
V
AUX_Ibias Input bias
-100
100
µA
VCM VOLTAGE AMPLIFIER
Volt_gain
Voltage gain
0.165
V/V
Volt_off
Input offset
-15
+15
mV
Volt
_cmrr
Common mode rejection ratio
f < 10 KHz, tested at DC only
CMRR=AV DIFF/AV CM
46
dB
Volt
_svrr
supply voltage rejection ratio
f < 10 KHz, tested at DC only
60
dB
BEMF processor amplifier
CalCoar
seIn
Calcoarse voltage input range
0.5
2
V
Gain1
First stage gain
Vcontrol = 1.25 V
1.91
V/V
Gain2
Second stage gain
16
V/V
Offset
Residual input offset after
calibration
Vcontrol = 1.25V
(Measured between VCMN and
SNS_P pins)
-3
+3
mV
Rout
BEMF amp output resistance (pin
31)
500
ohm
ULOAD @ POR
Timer1_V
Timer1 Charging Voltage
2.5
V
Timer1_I Timer1 Discharging Current
2
µA
Timer1_T
Timer1 Low threshold
0.2
V
VOLTAGE REGULATORS
1.8 AND 3.3 LINEAR REGULATOR
V18 feed 1.8V feedback Voltage
-5%
1.25
+5%
V
V33 OUT 3.3V Output Voltage
-5%
3.3
+5%
V
ELECTRICAL CHARACTERISTCS (continued)
POWER SUPPLY [VCC5 & VCV] VCC5 = 5V ±10%, VCV = 12V ±10%. Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com