Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 1 Page - STMicroelectronics

  L7250 Datasheet HTML 1Page - STMicroelectronics L7250 Datasheet HTML 2Page - STMicroelectronics L7250 Datasheet HTML 3Page - STMicroelectronics L7250 Datasheet HTML 4Page - STMicroelectronics L7250 Datasheet HTML 5Page - STMicroelectronics L7250 Datasheet HTML 6Page - STMicroelectronics L7250 Datasheet HTML 7Page - STMicroelectronics L7250 Datasheet HTML 8Page - STMicroelectronics L7250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
1/46
L7250
July 2001
This is preliminary information on a new product now in development. Details are subject to change without notice.
s
12V & 5V (±10%) OPERATION
s
REGISTER BASED ARCHITECTURE
s
3 WIRE SERIAL COMMUNICATION
INTERFACE UP TO 33 MHZ
s
BCD TECHNOLOGY
Spindle Motor Controller
s
INTERNAL POWER DEVICE 0.9 OHM MAX
VALUE @ 125°C (SINK+SOURCE)
s
2.5A PEAK CURRENT CAPABILITY
s
ST SMOOTHDRIVE SINUSOIDAL PWM
COMMUTATION
s
DEDICATED ADC FOR POWER SUPPLY
VOLTAGE COMPENSATION
s
SPINDLE CURRENT LIMITING VIA FIXED
FREQUENCY PWM OF SPINDLE POWER
OUTPUTS AT THE SMOOTHDRIVE PWM
RATE
s
SYNCHRONOUS RECTIFICATION DURING
PWM TO REDUCE POWER DISSIPATION
s
CURRENT SENSING VIA EXTERNAL
CURRENT SENSE RESISTOR
s
INDUCTIVE SENSE POSITION START UP
DRIVEN BY
µPROCESSOR
s
SPINDLE BRAKING DURING POWER DOWN
CONDITION
Voice Coil Motor Driver with Ramp Load/Unload
s
INTERNAL POWER DEVICE 0.9 OHM MAX
VALUE @ 125°C (SINK+SOURCE)
s
2A PEAK CURRENT CAPABILITY
s
15 BIT LINEAR DAC FOR CURRENT
COMMAND, WITH INTERNAL REFERENCE
VOLTAGE
s
SENSE AMPLIFIER GAIN SWITCH
s
CLASS AB OUTPUT STAGE WITH ZERO
DEAD-BAND AND MINIMAL CROSSOVER
DISTORTION
s
RAMP LOAD AND UNLOAD CAPABILITY AS
WELL AS CONSTANT VOLTAGE RETRACT
s
EXTERNAL CURRENT SENSE RESISTOR IN
SERIES WITH MOTOR.
s
HIGH CMRR (>70DB) AND PSRR (>60DB)
SENSE AMP
s
EXTERNAL CURRENT CONTROL LOOP
COMPENSATION
s
HIGH BANDWIDTH VCM CURRENT
CONTROL LOOP CAPABILITY
s
HIGH PSRR, LOW OFFSET, LOW DRIFT GM
LOOP
s
VCM VOLTAGE MODE, CONTROLLED BY
VCM DAC
s
GM LOOP OFFSET CALIBRATION SCHEME
INCLUDES A COMPARATOR ON THE
ERROR AMP
Auxiliary Functions
s
3.3V AND 1.8V LINEAR REGULATOR
CONTROLLER
s
NEGATIVE VOLTAGE REGULATOR
s
INTERNAL ISOFET 0.1 OHM @125C
s
POWER MONITOR OF 12V, 5V, 3.3V AND
1.8V
s
SHOCK SENSOR CIRCUIT TAKES INPUTS
FROM PIEZO OR CHARGING ELEMENT
s
10 BIT ADC WITH 4 MUXED INPUTS
s
THERMAL SENSE CIRCUIT AND OVER
TEMPERATURE SHUT DOWN
s
CHARGE PUMP BOOST VOLTAGE
GENERATOR FOR HIGH SIDE GATE DRIVE
s
ANALOG PINS AVAILABLE TO ENTER
SIGNALS TO BE CONVERTED BY THE
INTERNAL ADC
DESCRIPTION
L7250 is a power IC for driving the SPINDLE and
VCM motors, suitable for 5V & 12V application. The
spindle system includes integrated power FETs
which are driven using ST's Smoothdrive pseudo-si-
nusoidal commutation technology. The voice coil mo-
tor (VCM) system includes integrated power FETs,
as well as ramp load and unload capability. Linear
3.3V and1.8V voltage regulators are included, as well
as a negative regulator.
Power monitoring of VCC5, VCC12, and of the two
positive voltage regulators is also included.L7250
uses a 3 wire serial interface: S_DATA, S_CLK and
S_ENABLE
TQFP64
ORDERING NUMBER: L7250
PRODUCT PREVIEW
5V & 12V SPINDLE AND VCM MOTORS DRIVER


Similar Part No. - L7250

ManufacturerPart #DatasheetDescription
logo
Legrand North America, ...
L720 LEGRAND-L720  Datasheet
978Kb / 4P
Industrial Spec Grade Turnlok® Locking Devices 3 Wire 15, 20 & 30A; 125 & 250V, 277VAC
logo
STMicroelectronics
L7200 STMICROELECTRONICS-L7200 Datasheet
262Kb / 23P
MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Sep-1999
logo
Intel Corporation
L7200 INTEL-L7200 Datasheet
1Mb / 91P
Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
STMicroelectronics
L7203 STMICROELECTRONICS-L7203 Datasheet
170Kb / 13P
SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED
Apr-2001
L7203S STMICROELECTRONICS-L7203S Datasheet
170Kb / 13P
SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED
Apr-2001
More results

Similar Description - L7250

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6254 STMICROELECTRONICS-L6254 Datasheet
109Kb / 17P
12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
April 1999
L6268 STMICROELECTRONICS-L6268 Datasheet
109Kb / 17P
12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Apr-1999
L6269 STMICROELECTRONICS-L6269 Datasheet
109Kb / 17P
12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Apr-1999
logo
Hitachi Semiconductor
HA13557AFH HITACHI-HA13557AFH Datasheet
120Kb / 28P
Combo (Spindle & VCM) Driver
HA13561F HITACHI-HA13561F Datasheet
114Kb / 26P
Combo (Spindle & VCM) Driver
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
Combo (Spindle & VCM) Driver
HA13571FR HITACHI-HA13571FR Datasheet
103Kb / 22P
Combo (Spindle & VCM) Driver for HDD
HA13614FH HITACHI-HA13614FH Datasheet
122Kb / 26P
Combo (Spindle & VCM) Driver
logo
List of Unclassifed Man...
LD7000 ETC-LD7000 Datasheet
29Kb / 2P
Spindle/VCM Controller and Pre-driver
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
Disk drive spindle and VCM motor driver
24-Dec-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com