Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 32Page - STMicroelectronics L7250 Datasheet HTML 33Page - STMicroelectronics L7250 Datasheet HTML 34Page - STMicroelectronics L7250 Datasheet HTML 35Page - STMicroelectronics L7250 Datasheet HTML 36Page - STMicroelectronics L7250 Datasheet HTML 37Page - STMicroelectronics L7250 Datasheet HTML 38Page - STMicroelectronics L7250 Datasheet HTML 39Page - STMicroelectronics L7250 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
L7250
36/46
Figure 14. Costant voltage retract operation at power down
Figure 15. Two step unload temporization
C o ns t a nt V o lt a g e
R e tra c t O p e r a t io n
Ch e c k NP O R
S tatus
Hig h
Lo w
Ch e c k V C M
Ac tiv e Br a k e Pr o c .
Re g .0 1 H -b it[0 ]
D is a b led
E n ab le d
G e t R ltim e r [2 :0 ]
Re a d R e g .0 1 H
R ltim e r [2:0] = “000 ”
S tar t O N L Y U n lo ad1
w it h th e se le cte d
Rlv o lta g e1
No
R ltim e r [2:0] = “111 ”
S tar t O N L Y U n lo ad2
w it h th e se le cte d
Rlv o lta g e2
Ye s
No
S tar t U n lo ad1 + U n lo a d 2
w it h th e se le cte d
Rlv o lta g e1 & R lv o lta g e2
S tar t t h e V C M
Ac tiv e Br a k e
P r oc ed ur e
EN D
(* )
Se t Sp in d le P o w e r s
in TR I S TA T E
Wa it E N D
of R ltim e r
Se t Sp in d le P o w e r s
in BR AK E
Voltage
Capacitor
pin 21
Time
Step 1
Step 2
POR
Programming
Threshold
End Unload
Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com