Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 37Page - STMicroelectronics L7250 Datasheet HTML 38Page - STMicroelectronics L7250 Datasheet HTML 39Page - STMicroelectronics L7250 Datasheet HTML 40Page - STMicroelectronics L7250 Datasheet HTML 41Page - STMicroelectronics L7250 Datasheet HTML 42Page - STMicroelectronics L7250 Datasheet HTML 43Page - STMicroelectronics L7250 Datasheet HTML 44Page - STMicroelectronics L7250 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
41/46
L7250
4.5 Shock Sensor
This block takes input from a piezoelectric or charging mode shock sensor element (selectable using the SPI
bit ShockConf -> Reg02H, bit 7 ), and includes external filtering capability. A digital latched signal is available
on SkDout pin if the Sken bit (from SPI) is set to 1 otherwise the SkDout pin is transparent to the shock signal.
If the output signal has been latched, a pulse to zero of the Sken bit it is necessary to clear it.
The shock sensor element will be connected to the Skin and VREF25.
Figure 19. Piezoelectric Shock Sensor typical application block diagram (Reg02H->bit7=0)
Figure 20. Charging Shock Sensor typical application block diagram (Reg02H->bit7=1)
24 SkO ut
26
Sk F o u t
25 SkF in
V ref25+ V thH
V ref25-V thL
0
1
S
R
27
Sk D o u t
21
Vre f2 5
23
Sk in
R
9R
Vref25
S kE n (fro m S PI)
R1 e x t
C1 ex t
C2 ex t
R2 ex t
10M
24 SkO ut
26
S k F out
25 SkFin
V ref25+V thH
V ref25-V thL
0
1
S
R
27
S k D out
21
Vre f2 5
23
Sk in
Vref25
S kE n (from SP I)
R1 ex t
C1 ex t
C2 ex t
R2 e x t
Vref25
CSex t
RSex t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com