Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 10Page - STMicroelectronics L7250 Datasheet HTML 11Page - STMicroelectronics L7250 Datasheet HTML 12Page - STMicroelectronics L7250 Datasheet HTML 13Page - STMicroelectronics L7250 Datasheet HTML 14Page - STMicroelectronics L7250 Datasheet HTML 15Page - STMicroelectronics L7250 Datasheet HTML 16Page - STMicroelectronics L7250 Datasheet HTML 17Page - STMicroelectronics L7250 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
L7250
14/46
Figure 2. Inverted clock serial port timing diagram (bit 7, Reg05H = 1)
Note1: During writing process L7250 latches the data on the SCLK rising edge (the ASIC is writing on the SCLK
falling edge)
Note2: During reading process L7250 takes the bus control on the next SCLK falling edge after the 8th SCLKris-
ing edge
The L7250 write the data on the SCLK rising edge and it is expecting the ASIC to latches the data on the SCLK
falling edge
Note3: The ID number for the L7250 is ID1=ID2=ID3=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com