Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 38Page - STMicroelectronics L7250 Datasheet HTML 39Page - STMicroelectronics L7250 Datasheet HTML 40Page - STMicroelectronics L7250 Datasheet HTML 41Page - STMicroelectronics L7250 Datasheet HTML 42Page - STMicroelectronics L7250 Datasheet HTML 43Page - STMicroelectronics L7250 Datasheet HTML 44Page - STMicroelectronics L7250 Datasheet HTML 45Page - STMicroelectronics L7250 Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
L7250
42/46
4.6 Over Temperature Protection
L7250 has a temperature protection circuit consisting of a temperature sense circuit and two comparators. The
temperature sense circuit generates a voltage proportional to the absolute die temperature. One comparator
trips when the die temperature exceeds 140 deg C, asserting the temperature warning signal in the status reg-
ister (ThWarn in the Reg 00H -> b3). The thermal warning comparator has nominally 20 deg C hysteresis.
The thermal Shutdown comparator trips when the die temperature exceeds 160 deg C, indicates an over tem-
perature condition in the status register (ThShutdown in the Reg00H -> b4). The status register is transparent
to the thermal shutdown information.
If the ThShutdown bit is equal to zero only the flag on the status register is activated, else the L7250 is driven
into thermal shutdown mode, which initiates Unload of the Voice Coil Motor (no actions on the Spindle motor
has been taken). Hysteresis of 25 deg C on this comparator allows the die temperature to stabilize before it is
re-enabled.
Iif the ThShutdown bit is set to 1, the thermal Shutdown condition is latched, then to re-enable the function a
reset cycle is needed (ThShutdown bit must be programmed to 0, then set again to 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com