Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 25Page - STMicroelectronics L7250 Datasheet HTML 26Page - STMicroelectronics L7250 Datasheet HTML 27Page - STMicroelectronics L7250 Datasheet HTML 28Page - STMicroelectronics L7250 Datasheet HTML 29Page - STMicroelectronics L7250 Datasheet HTML 30Page - STMicroelectronics L7250 Datasheet HTML 31Page - STMicroelectronics L7250 Datasheet HTML 32Page - STMicroelectronics L7250 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
29/46
L7250
3.6.1 Voltage Mode
In Voltage Mode, the VCM power outputs will apply a voltage to the VCM motor commanded by the VCM DAC.
This is implemented by tristating the sense amp and error amp outputs, and connecting DAC_OUT to
ERR_OUT with an internal switch (switch S2). Skipping the err_out amplifier the DAC command will enter the
power section without any inversion, then the DAC codification must be considered in opposite direction respect
to the current mode operation.
3.7 VCM Loop Offset Calibration Mode
The VCM Loop Calibration mode can be implemented following two different approach:
1) The VCM loop is enabled (sense amp, error amp, DAC), but the VCM power stage is tri-stated. Thus,
the sense amp is guaranteed to be monitoring a zero current condition.
To implement offset calibration, the current command is swept through zero by the controller ASIC.
Since the Gm loop is open, the error amp output will be saturated in one direction or the other depending
on the current command (to configurate the error opamp as a comparator the external compensation
network will be disconnected opening the switch S1). As the command sweeps through the zero current
command point, the error amp output will swing to the other extreme. The comparator senses the out-
put swing of the error amp, and through the serial port (Reg. 00H -> b6) interrupts the ASIC. The ap-
propriate DAC value corresponding to the trip point interrupt is the loop zero current offset.
Figure 9. VCM Current Loop Offset Calibration 1
Set VCM Offset Calibration
Write Reg.03H
VCMState[2:0] = 101
START
VCM Current Loop
Offset Calibration Routine
UPDATE 15 Bit DAC
Write Reg.09H
dac[14:0]= DAC_VAL
EXIT
VCM Current Loop
Offset Calibration Routine
Select
Sense Amplifier
Gain
4.5 V/V
16 V/V
DAC_VAL = 0
Flag1 = 0 , Flag2 = 0
Set SenseAmpl.Gain
Write Reg.09H
GainSW bit = 0
Set SenseAmpl.Gain
Write Reg.09H
GainSW bit = 1
Read Error Ampl Output
Read Reg.00H
VCMcalOut bit value
VCMcalOut = 0
NO
YES
DAC_VAL = DAC_VAL +1
Flag2 =1
Flag1 = 1
Flag1 = 1
DAC_VAL = DAC_VAL -1
Flag2 = 1
YES
NO
YES
NO
Store the DAC_VAL
as the zero loop offset
* DAC_VAL is in 2 complement format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com