Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7250 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L7250 Datasheet HTML 6Page - STMicroelectronics L7250 Datasheet HTML 7Page - STMicroelectronics L7250 Datasheet HTML 8Page - STMicroelectronics L7250 Datasheet HTML 9Page - STMicroelectronics L7250 Datasheet HTML 10Page - STMicroelectronics L7250 Datasheet HTML 11Page - STMicroelectronics L7250 Datasheet HTML 12Page - STMicroelectronics L7250 Datasheet HTML 13Page - STMicroelectronics L7250 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
L7250
10/46
V18
IDRIVE
V33
IDRIVE
Output base current drive
15
mA
NEGATIVE REGULATOR
FREQ0
Oscillator frequency
Default configuration
500
KHz
FREQ1
Oscillator frequency
TestRegister = ‘00001001’
or = ‘00101001’
1
MHz
VoutH
High level output voltage
TBD
V
VoutL
Low level output voltage
TBD
V
VNEerr
OFFS
Feedback input offset
-10
10
mV
VNEGerr
BIAS
Feedback input bias
0
1
µA
Vneg_err
_cmrr
Common mode rejection ratio
f < 10 KHz, tested at DC only
CMRR=AV DIFF/AV CM
46
dB
Vneg_err
_svrr
supply voltage rejection ratio VCV f < 10 KHz, tested at DC only
60
dB
SHOCK SENSOR
SkIgain0 Input OPAMP gain0
Reg02H ‘b7’ = 0
10
V/V
SkIgain1 Input OPAMP gain1
Reg02H ‘b7’ = 1
80
dB
SkIoff
Input OPAMP offset
-15
+15
mV
SkIinput
Input OPAMP input impedance
Reg02H ‘b7’ = 0
10
Mohm
SkFgain
Filter OPAMP open loop gain
80
DB
SkFband Filter OPAMP unity gain
bandwidth
Guaranteed by design
5
Mhz
SkFoff
Filter OPAMP offset voltage
-10
+10
MV
SkOThH0 Output window comparator
VthHigh
Referred to Vref25 ;
Reg02H ‘b6’ = 0
200
mV
SkOThH1 Output window comparator
VthHigh
Referred to Vref25 ;
Reg02H ‘b6’ = 1
500
mV
SkOThL0 Output window comparator
VthLow
Referred to Vref25;
Reg02H ‘b6’ = 0
200
mV
SkOThL1 Output window comparator
VthLow
Referred to Vref25;
Reg02H ‘b6’ = 1
500
mV
ELECTRICAL CHARACTERISTCS (continued)
POWER SUPPLY [VCC5 & VCV] VCC5 = 5V ±10%, VCV = 12V ±10%. Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com