Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 155 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 155 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 151Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 152Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 153Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 154Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 155Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 156Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 157Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 158Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 159Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
pin when the main digital controller is not operational due to the loss of the main control input supply (VIN),
assuming the condition is derived from a pin disconnection.
Note that a loss of the input supply derived from any condition other than a VIN pin disconnection (i.e. the main
system supply is lost) is considered as a safe fault condition, because it is assumed all circuits powered by VIN
will behave in a safe way as the overall input supply is discharging.
14.6 External error monitoring (ERRMON)
In devices targeting high safety integrity levels, the GPIO3 pin provides a programmable mechanism to monitor
a non-critical, safety-related external error signal from the system via the ERRMON mechanism.
The polarity to detect an external error is programmable in OTP via the OTP_ERRMON_POL bit.
OTP_ERRMON_POL
ERRMON polarity
0
Error on rising edge
1
Error on Falling edge
Table 200. ERRMON polarity selection bit
When the ERRMON input detects an external error, the ERRMON block will set the ERRMON_I flag HIGH
and start the external fault timer before it can confirm a fault condition. In order for the system to listen to the
ERRMON interrupt as soon as it is generated, the ERRMON interrupt must be unmasked to allow it to assert
the INTB pin.
If the ERRMON_I flag is cleared before the external fault timer is expired, the device stops and resets the
external fault timer, and no protective action is taken. The MCU must write a 1 to the ERRMON_I to clear the
interrupt.
If the ERRMON_I flag is not cleared when the external fault timer expires, the device will assert the FS0B pin to
indicate an external fault has been confirmed.
aaa-056083
Error signal
(GPIO3 pin)
XFault timer
Event
detected
Event
acknowledged
Event
detected
Fault
confirmed
ERRMON_I
INTB
FS0B
XFault timer
XFAULT CONFIRMED
NO XFAULT
Figure 42. ERRMON operation
By default, the external fault timer is reset to 8 ms at power-up, and it can be changed during the SYSTEM ON
states via the ERRMON_TIME bits.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
155 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com