Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 156 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 156 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 152Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 153Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 154Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 155Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 156Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 157Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 158Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 159Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 160Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
ERRMON_TIME
Error tmer duration
00
1 ms
01
8 ms
10
16 ms
11
32 ms
Table 201. ERRMON timer configuration bit
The ERRMON_RESET bit is provided to define whether the ERRMON fault can also generate a hard reset
event upon a fault confirmation. By default, the ERRMON_RESET is set to 0, to ensure the system does
not generate a hard reset at power up, until the MCU is able to configure the system and ready to set an OK
condition in the ERRMON input.
ERRMON_RESET
ERRMON reaction
0
No reset (default)
1
Reset on fault confirmed
Table 202. ERRMON reaction configuration bit
If the ERRMON reset event is enabled, the reset event will be generated only if the FS0B was previously
released. Otherwise, the ERRMON event will be able to notify the system of the event via the INTB pin if the
ERRMON_I interrupt is not masked in the interrupt registers.
The device monitors for external errors during the RUN and the Monitored STANDBY States, and it starts
monitoring for an external error as soon as the RSTB pin is released after the Power-up sequence.
In the low-power STANDBY state, the ERRMON block is disabled to allow minimum power consumption, and it
will start monitoring the ERRMON input as soon as it enters the RUN state.
After the FS0B is asserted by the ERRMON event, the FS0B cannot be released until the ERRMON_I flag
is cleared and no fault condition is present in the ERRMON input (assuming there are no other conditions
preventing the FS0B from releasing).
If the ERRMON input is stuck in a fault condition (stuck in a NOK level), the system will not be able to clear the
ERRMON_I interrupt until the error condition is removed.
The GPIO3_S bit can be used to sense the real-time status of the ERRMON input.
14.6.1 ERRMON dynamic characteristic
All parameters are specified at TA = -40 °C to 125 °C, unless otherwise noted. Typical values are characterized at VIN = 5 V
and TA = 25 °C unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
tFILT_ERRM
ERRMON deglitch time
9
10
11
μs
tERRM1
ERRMON_TIME[1:0] = 00
0.9
1
1.1
ms
tERRM2
ERRMON_TIME[1:0] = 01
7.2
8
8.8
ms
tERRM3
ERRMON_TIME[1:0] = 10
14.4
16
17.6
ms
tERRM4
ERRMON_TIME[1:0] = 11
28.8
32
35.2
ms
Table 203. ERRMON dynamic characteristics
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
156 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com