Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 116 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 116 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 112Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 113Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 114Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 115Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 116Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 117Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 118Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 119Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 120Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
13.2.5.1 Load switch mode
In load switch mode, the LDO works as an ON/OFF load switch controlled by the LDOx_RUN_EN,
LDOx_STBY_EN and LDOx_SEQ[7:0] bits.
In load switch mode, the block is capable of taking an input as low as 1.8 V and enabling the output in the
Power-up sequence or manually via the LDOx_RUN_EN and LDOx_STBY_EN bits.
When the LDOx is operating in the load switch mode, the monitoring voltage level is set by the
VLDOx_RUN[4:0] and the VLDOx_STBY[4:0] bits in the RUN and monitored STANDBY states respectively. It
is responsibility of the system designer to set the monitoring setpoint and the OV/UV monitoring threshold to a
proper level to account for DC losses in the pass FET.
13.2.5.2 External VMON mode
Refer to section LDO2 / LDO3 External VMON Operation for a detailed description of the VMON operation on
the LDOx block.
13.2.5.3 LDO bypass mode
The LDO bypass mode is provided to support applications requiring multiple PMICs to supply a complete power
architecture where the PF09 is intended to be the main PMIC. In these systems, the PF09 performs control and
monitoring of the system voltage supplies during normal operation, as well as driving the full system in the Low-
power modes.
In such scenarios, LDOxOUT is intended to serve as an external voltage monitoring input, supervising an
external regulator supplying high power to system loads during the RUN state. When the system is ready to
enter the STANDBY state, the LDOx output can take over the voltage domain, allowing the system to fully
disable the external regulators to minimize power consumption during the low-power operation.
aaa-056070
SW1
VIN
VIN
VIN
LDO3IN
FB+
FB-
LX
PF53
LDO3
PF09
VDD_SOC
MCU
LDO3OUT
To VLDO3MON
Figure 26. System connection in LDO bypass mode
When the LDO is operating in bypass mode, only the internal VLDOxMON is enabled during the Power-up
sequence, and it remains enabled during the RUN state. The VLDOx_RUN[3:0] bits will be used to set the
monitoring voltage level to be expected at the LDOxOUT pin.
When the LDOx block is enabled in bypass mode (in the sequence or manually), a programmable blanking time
is set via the OTP_VLDOxMON_TSET[1:0] bits, to allow enough time for the external supply to ramp up and
settle before allowing OV and UV protection.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
116 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com