Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 120 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 120 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 116Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 117Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 118Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 119Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 120Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 121Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 122Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 123Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 124Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
All parameters are specified at TA = -40 °C to 125 °C, VLDOxIN = 1.8 V to 5.5 V, VIN = UVDET to 5.5 V, VLDOx = 1.0 V, ILDOx =
200 mA, typical external component values unless otherwise noted. Typical values are characterized at VLDOxIN = 5.0 V,
VLDOx = 3.3 V, ILDOx = 200 mA, TA = 25 °C, unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
RDSON_LDOx
Drop-out/load switch resistance
RDSON does not include the bonding wire and package resistance.
@VLDO1 = 3.3 V, ILDO1 = 200 mA
–
300
450
mΩ
RDSON_LDOx
Drop-out/load switch resistance
RDSON including the bonding wire and package resistance.
VLDOx = 3.3 V, ILDOx = 200 mA
–
–
1000
mΩ
LDOxPSRR_DC
DC power supply rejection ratio
• 100 µA < ILDOx ≤ 200 mA
• VLDOxIN = VLDOx + 300 mV
55
–
–
dB
LDOxPSRR_AC
AC power supply rejection ratio
• 400 kHz
• 100 µA < ILDOx ≤ 200 mA
• VLDOxIN = VLDOx + 300 mV
20
–
–
dB
tSS0_LDOx
LDOx soft-start time
• From 10 % to 90 % of target voltage
• OTP_LDOx_SS = 0
320
–
520
µs
tSS1_LDOx
LDOx soft-start time
• From 10 % to 90 % of target voltage.
• OTP_LDOx_SS = 1
140
–
270
µs
tEN_LDOx
LDOx Enable time
• From enable signal to 10% of target voltage.
• VLDOx = 3.3 V
–
–
100
µs
tOFF_LDOx
Turn-off time
• Output disabled to 10 % of initial value
• VLDOx = 3.3 V
• ILDOx = 0.0 mA
• COUT = 2.2 μF
–
600
–
µs
VOS_LDOx
Startup overshoot
–
–
2
%
VLOTR_LDOx
Load transient response
• ILDOx = 10 mA to 200 mA in 2.0 μs
-2
–
2
%
tON_LSx
Load switch turn-on rise time
–
150
300
µs
ILIM_LSx
Load switch current limit
200
250
450
mA
RPD_LDOx
Output discharge resistor – used to discharge the output
capacitance to help LDOs reach the OV level faster
–
60
100
Ω
RPD_DBG
LDOx DEBUG pulldown resistance - used for pin disconnection
detection
• VDDOTP > 3.0 V and in DBGOFF State
1
2
–
kΩ
Table 154. LDO2/LDO3 electrical characteristics...continued
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
120 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com