Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 22 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 22 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 18Page - ams-OSRAM AG CHR71000 Datasheet HTML 19Page - ams-OSRAM AG CHR71000 Datasheet HTML 20Page - ams-OSRAM AG CHR71000 Datasheet HTML 21Page - ams-OSRAM AG CHR71000 Datasheet HTML 22Page - ams-OSRAM AG CHR71000 Datasheet HTML 23Page - ams-OSRAM AG CHR71000 Datasheet HTML 24Page - ams-OSRAM AG CHR71000 Datasheet HTML 25Page - ams-OSRAM AG CHR71000 Datasheet HTML 26Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
CHR71000
Functional description
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
22 / 54
/
Figure 11: Typical output of the temperature sensor of the CHR71000
7.2
Driving the CHR71000
The following paragraphs describe how the CHR71000 sensor can be controlled. Controlling
the sensor is done in two ways:
•
By applying correct timing signals to the digital input pins
•
By setting the correct programmability options.
Programmability is supported by a number of on-chip registers that can be loaded with user
data. The contents of these registers define the way the different blocks on the chip operate.
A digital logic block on the sensor (called 'sequencer') can be used to control the chip timing. It
generates the timing pulses for the different blocks on the chip to work properly, based on
settings loaded in a number of registers. It is possible to bypass the sequencer and use
external pulses (digital input pins). The selection between internal or external timing can be
made by register upload (see further in this chapter). The default case is external timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com