Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 8Page - ams-OSRAM AG CHR71000 Datasheet HTML 9Page - ams-OSRAM AG CHR71000 Datasheet HTML 10Page - ams-OSRAM AG CHR71000 Datasheet HTML 11Page - ams-OSRAM AG CHR71000 Datasheet HTML 12Page - ams-OSRAM AG CHR71000 Datasheet HTML 13Page - ams-OSRAM AG CHR71000 Datasheet HTML 14Page - ams-OSRAM AG CHR71000 Datasheet HTML 15Page - ams-OSRAM AG CHR71000 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
CHR71000
Electrical characteristics
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
12 / 54
/
5
Electrical characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with
production tests or SQC (Statistical Quality Control) methods.
Table 4: Electrical characteristics of CHR71000
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Power supplies
Vdd_ana
Analog read-out circuit, output
amplifier
3.3
V
Vdd_dig
SPI, sequencer, row/column
address logic
3.3
V
Vdd_pix
Pixel array supply
3.0
V
Vdd_AB
Anti-blooming
0 (GND)
V
Vdd_res
Pixel reset signal
3.6
V
Vdd_trans
Pixel transfer supply
3.3
V
Idd_ana
Supply current
Readout
Peak
100
140
mA
Idd_dig
Supply current
Readout
Peak
20
270
mA
Idd_pix
Supply current
Readout
Peak
35
170
mA
Idd_res
Supply current
Readout
Peak
10
70
mA
Idd_trans
Supply current
Readout
Peak
10
60
mA
Digital I/O
VIH
High level input voltage
2.0
Vdd_dig
V
VIL
Low level input voltage
GND
0.8
V
VOH
High level output voltage
Vdd_dig=3.3V
IOH=-2mA
2.4
V
VOL
Low level output voltage
Vdd_dig=3.3V
IOL=2mA
0.4
V
Analog Output (OUT_x)
VOH
Output voltage high *
With gain
3.0
3.2
V
VOL
Output voltage low *
Depending on the
offset
0.45
1.85
V
f
CLK_IN
MHz
CLOAD
Capacitive load drive
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com