Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 45 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 45 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 41Page - ams-OSRAM AG CHR71000 Datasheet HTML 42Page - ams-OSRAM AG CHR71000 Datasheet HTML 43Page - ams-OSRAM AG CHR71000 Datasheet HTML 44Page - ams-OSRAM AG CHR71000 Datasheet HTML 45Page - ams-OSRAM AG CHR71000 Datasheet HTML 46Page - ams-OSRAM AG CHR71000 Datasheet HTML 47Page - ams-OSRAM AG CHR71000 Datasheet HTML 48Page - ams-OSRAM AG CHR71000 Datasheet HTML 49Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
CHR71000
Register description
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
45 / 54
/
Addr
Bits
Name
Description
Default
Recommended
87
[3:0]
reg_offset_14[11:8]
MSB of DAC offset
8
8
87
[7:4]
reg_offset_15[11:8]
MSB of DAC offset
8
8
88
[5:0]
reg_dac_high[5:0]
Internal DAC high setting
48
52
89
[5:0]
reg_dac_low[5:0]
Internal DAC low setting
16
12
90
[5:0]
reg_rblank_ref[5:0]
Internal reference voltage setting
32
26
91
[5:0]
reg_clamp[5:0]
Clamping circuit in output stage
63
63
92
[7:0]
reg_stby[7:0]
Standby register
0
0
93
[3:0]
reg_clk_delay[3:0]
Clock delay for sample signal output
stage
5
0
[4]
reg_prebuf_en
Mux buffer before output stage
1
0
[5]
reg_bgap_on
Internal bandgap reference
1
1
[6]
reg_separate_mux
Separate multiplexer bus lines
1
1
94
[3:0]
reg_pw_ctr_coldriv[3:0]
Current bias column drivers
8
14
[7:4]
reg_pw_ctr_pixcds[3:0]
Current bias column amp CDS
stage
8
14
95
[3:0]
reg_pw_ctr_colbias[3:0]
Current bias column bus (ctu)
8
0
[7:4]
reg_pw_ctr_colpc[3:0]
Current bias column bus
(precharge)
10
15
96
[3:0]
reg_pw_ctr_driv[3:0]
Current of the output buffers
8
1(1)
[7:4]
reg_pw_ctr_pga[3:0]
Current bias output amp CDS/PGA
stage
8
8(2)
97
[3:0]
reg_clk_delay_clk_smp[3:0]
Delay of clk_smp
(3)
125
[0]
reg_latch_temp_data
Temperature sensor latch
126
[7:0]
reg_temperature[7:0]
Temperature sensor read out
0
0
127
[7:0]
reg_temperature[15:8]
Temperature sensor read out
0
0
(1) System dependent: this depends on the output load of the sensor in the camera, the higher the load, the higher this value
should be at the expense of power consumption. Increasing the current of the output buffers will increase the slew rate of the
outputs. This can be used to adapt the sensor outputs to the receiver systems input capacitance.
(2) Testing was done with setting 14, setting 1 shows no visible degradation.
(3) This register can be used to fine-tune the output clock delay for your specific receiver (ADC) to the data. The delay can be set
between 0° - 180°.
The registers reg_revision[7:0] and reg_temperature[15:0] are read-only registers. A write
operation to one of these registers will not change their contents.
All addresses that are not mentioned in this list are reserved and may not be overwritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com