Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 51 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 51 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 46Page - ams-OSRAM AG CHR71000 Datasheet HTML 47Page - ams-OSRAM AG CHR71000 Datasheet HTML 48Page - ams-OSRAM AG CHR71000 Datasheet HTML 49Page - ams-OSRAM AG CHR71000 Datasheet HTML 50Page - ams-OSRAM AG CHR71000 Datasheet HTML 51Page - ams-OSRAM AG CHR71000 Datasheet HTML 52Page - ams-OSRAM AG CHR71000 Datasheet HTML 53Page - ams-OSRAM AG CHR71000 Datasheet HTML 54Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
CHR71000
Soldering & storage information
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
51 / 54
/
11
Soldering & storage information
Image sensors with filter arrays (CFA) and micro-lens are especially sensitive to high
temperatures. Prolonged heating at elevated temperatures may result in deterioration of the
performance of the sensor. Best solution will be flow soldering or manual soldering of a socket
(through hole or BGA) and plug in the sensor at latest stage of the assembly/test process. The
BGA solution allows more flexibility for the routing of the camera PCB.
11.1
Manual soldering
Use partial heating method and use a soldering iron with temperature control. The soldering
iron tip temperature is not to exceed 350°C with 270°C maximum pin temperature, 2 seconds
maximum duration per pin. Avoid global heating of the ceramic package during soldering.
Failure to do so may alter device performance and reliability.
11.2
Wave soldering
Wave soldering is possible but not recommended. Solder dipping can cause damage to the
glass and harm the imaging capability of the device. See the figure below for the wave
soldering profile.
Figure 29: Wave solder profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com