Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 17Page - ams-OSRAM AG CHR71000 Datasheet HTML 18Page - ams-OSRAM AG CHR71000 Datasheet HTML 19Page - ams-OSRAM AG CHR71000 Datasheet HTML 20Page - ams-OSRAM AG CHR71000 Datasheet HTML 21Page - ams-OSRAM AG CHR71000 Datasheet HTML 22Page - ams-OSRAM AG CHR71000 Datasheet HTML 23Page - ams-OSRAM AG CHR71000 Datasheet HTML 24Page - ams-OSRAM AG CHR71000 Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
CHR71000
Functional description
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
21 / 54
/
7.1.1
Pixel array
The image array consists of 3.1μm x 3.1μm pinned diode pixels which share a number of
transistors (2 pixels sharing) and a rolling shutter. The default product has micro lenses on top
of the pixels. These lenses are shifted linearly towards the edges for a CRA of 22.3°.
7.1.2
Sequencer
It is provided that the sensor can be fully operated by external control signals (default start up
condition). This is a guarantee for the largest flexibility in mode of operation and possibility for
full timing optimization of the different blocks. However, we have also put a sequencer on-chip
that will generate all required control signals to operate the sensor from only a few external
control clocks. This sequencer can be activated through the SPI interface.
7.1.3
SPI interface
The SPI interface is used to load the sequencer registers with data. The data in these registers
is used by the sequencer while driving and reading out the image sensor. Features like
windowing, subsampling, gain and offset are programmed using this interface. The data in the
on-chip registers can also be read back for test and debug of the surrounding system. Chapter
7.3.2.2 contains more details on register programming and SPI timing.
7.1.4
Temperature sensor
The on-chip temperature sensor can be read out by toggling the reg_latch_temp_data bit
(register 125) from 1 to 0. When toggling this register like this, the temperature sensor data will
be latched in registers 126-127. The temperature can then be readout by retrieving the data
from the reg_temperature registers 126 and 127.
A calibration of the temperature sensor is needed for absolute temperature measurements as
the offset between devices will vary. The temperature sensor requires a running input clock
(CLK_IN), the other functions of the image sensor can be operational or in standby mode. The
output value of the sensor is dependent on the input clock. A typical temperature sensor output
vs. temperature curve at 30MHz can be found below. This results in response of about
77 DN/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com