Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 10Page - ams-OSRAM AG CHR71000 Datasheet HTML 11Page - ams-OSRAM AG CHR71000 Datasheet HTML 12Page - ams-OSRAM AG CHR71000 Datasheet HTML 13Page - ams-OSRAM AG CHR71000 Datasheet HTML 14Page - ams-OSRAM AG CHR71000 Datasheet HTML 15Page - ams-OSRAM AG CHR71000 Datasheet HTML 16Page - ams-OSRAM AG CHR71000 Datasheet HTML 17Page - ams-OSRAM AG CHR71000 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
CHR71000
Typical operating characteristics
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
14 / 54
/
Parameter
Value
Remark
Color filters
RGB
Bayer pattern
Package
Ceramic package
Custom PGA (65 pins)
Cover glass
Plain AR coated glass or with IR filter.
Technology
0.18 µm CMOS
ESD
Class 1A HBM
Class 4C CDM
RoHS
Compliant
Directive 2002/95/EC
6.2
Specific characteristics
Figure 4: Typical QE of a CHR71000
Below you can see the relative response of the CHR71000 with and without micro lenses. The
sensors without micro lenses have a lower QE, so with the same amount of light, they will have
a lower response. This is also added in to the plot below (QE-corrected curves).
0
10
20
30
40
50
60
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
1050
1100
Wavelength [nm]
QE
Mono w/o µlens
Green
Blue
Mono w µlens
Red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com