Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 7Page - ams-OSRAM AG CHR71000 Datasheet HTML 8Page - ams-OSRAM AG CHR71000 Datasheet HTML 9Page - ams-OSRAM AG CHR71000 Datasheet HTML 10Page - ams-OSRAM AG CHR71000 Datasheet HTML 11Page - ams-OSRAM AG CHR71000 Datasheet HTML 12Page - ams-OSRAM AG CHR71000 Datasheet HTML 13Page - ams-OSRAM AG CHR71000 Datasheet HTML 14Page - ams-OSRAM AG CHR71000 Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
CHR71000
Absolute maximum ratings
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
11 / 54
/
4
Absolute maximum ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only. Functional operation of the device at
these or any other conditions beyond those indicated under “Operating Conditions” is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 3: Absolute maximum ratings of CHR71000
Symbol
Parameter
Min
Max
Unit
Comments
Continuous power dissipation (TA = 70 °C)
PT
Continuous power dissipation
435
mW
Electrostatic discharge
ESDHBM
Electrostatic discharge HBM
± 2000
V
JS-001-2012 Class 2
ESDCDM
Electrostatic discharge CDM
± 250
V
Temperature ranges and storage conditions
TSTRG
Storage temperature range
20
40
°C
RHNC
Relative humidity (non-
condensing)
30
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com