Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 9Page - ams-OSRAM AG CHR71000 Datasheet HTML 10Page - ams-OSRAM AG CHR71000 Datasheet HTML 11Page - ams-OSRAM AG CHR71000 Datasheet HTML 12Page - ams-OSRAM AG CHR71000 Datasheet HTML 13Page - ams-OSRAM AG CHR71000 Datasheet HTML 14Page - ams-OSRAM AG CHR71000 Datasheet HTML 15Page - ams-OSRAM AG CHR71000 Datasheet HTML 16Page - ams-OSRAM AG CHR71000 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
CHR71000
Typical operating characteristics
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
13 / 54
/
6
Typical operating characteristics
6.1
Electro-optical characteristics
Below are the typical electro-optical specifications of the CHR71000. These are typical values
for the whole operating temperature range unless otherwise specified.
Table 5: Electro-optical characteristics
Parameter
Value
Remark
Effective pixels
10000 x 7096
10032 x 7112 including dummy pixels
Pixel pitch
3.1 x 3.1 µm2
2-shared pixel
Full well charge
>13 ke-
Pinned photodiode pixel, two shared pixel
Signal swing
1 V
@ sensor output in lowest gain mode
Conversion gain
63 µV/e-
@ sensor output in lowest gain
Sensitivity
0.15 A/W
@ 550nm
Temporal noise
10 e-
@ sensor output in lowest gain mode
Dynamic range
63 dB
Full well charge / temporal noise
Shutter type
Rolling shutter
With integration time control
Micro lenses
Possible
If required. 40 % gain in QE x FF expected.
Fill Factor
50 %
See comment microlenses
QE x FF
28 %
@ 550 nm, w/o microlenses
Dark current signal
3.2 e-/s
@ Room temperature
DSNU
6 e-/s
@ Room temperature
Fixed pattern noise
0.09%
% of full swing (RMS)
PRNU
1.5%
RMS
Image lag
<0.1%
Output channels
8
8 output channels at 30 MHz
Frame rate
3 fps
@ full resolution; using a 30 MHz pixel clock
Timing generation
External (default)
On-chip
Off-chip allows more flexibility but on-chip can be activated with
some extent of programmability
Variable gain
amplifier
x 1-4 in output
stage
Programmable through SPI
16 settings
programmable
registers
Sensor
parameters
Window coordinates, timing parameters, gain & offset per channel,
exposure times
Via SPI interface.
Interface
Analog outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com