Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 34 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 34 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 30Page - ams-OSRAM AG CHR71000 Datasheet HTML 31Page - ams-OSRAM AG CHR71000 Datasheet HTML 32Page - ams-OSRAM AG CHR71000 Datasheet HTML 33Page - ams-OSRAM AG CHR71000 Datasheet HTML 34Page - ams-OSRAM AG CHR71000 Datasheet HTML 35Page - ams-OSRAM AG CHR71000 Datasheet HTML 36Page - ams-OSRAM AG CHR71000 Datasheet HTML 37Page - ams-OSRAM AG CHR71000 Datasheet HTML 38Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
CHR71000
Functional description
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
34 / 54
/
The position of a pixel is specified as a two dimensional coordinate, written as (y,x). Pixel (0,0)
is the left-bottom pixel of the valid pixel array. The valid array extends from pixel (0,0) to pixel
(7095, 9999). Pixels (0,0) to (8,15) are addressed with address (1,1). From then on, the y-
address increases by 1 every 8 rows and the x-address by 1 every 16 columns. This means
that the address of a window with position (y,x) can be written as ( 1+(y/8) , 1+(x/16) ).
The window that is read out is defined by the four 10-bit registers reg_addr_x_start,
reg_addr_x_end, reg_addr_y_start and reg_addr_y_end (see later for more details on
programmability). The registers reg_addr_x_start and reg_addr_y_start point at the first
column and row of the window. The registers reg_addr_x_end and reg_addr_y_end point at
the first column and row that are outside the window at its right-top corner.
Example: To read out a 128(y)*64(x) window starting from pixel (24,32):
•
The window is between pixels (24,32) and (151,95)
•
The address of the first pixel of the window (24,32) maps to address (4,3)
•
The address of the first pixel outside of the window (152,96) maps to address (20,7)
•
Upload the following values:
– reg_addr_x_start = 3
– reg_addr_x_end = 7
– reg_addr_y_start = 4
– reg_addr_y_end = 20
A full frame readout (pixel (0,0) to pixel (7095,9999)) requires the following values:
•
reg_addr_x_start = 1
•
reg_addr_x_end = 626
•
reg_addr_y_start = 1
•
reg_addr_y_end = 888



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com