Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 35 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 35 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 31Page - ams-OSRAM AG CHR71000 Datasheet HTML 32Page - ams-OSRAM AG CHR71000 Datasheet HTML 33Page - ams-OSRAM AG CHR71000 Datasheet HTML 34Page - ams-OSRAM AG CHR71000 Datasheet HTML 35Page - ams-OSRAM AG CHR71000 Datasheet HTML 36Page - ams-OSRAM AG CHR71000 Datasheet HTML 37Page - ams-OSRAM AG CHR71000 Datasheet HTML 38Page - ams-OSRAM AG CHR71000 Datasheet HTML 39Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
CHR71000
Functional description
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
35 / 54
/
7.4.2
Moving window
It is possible to change the position of the window every subsequent frame without
intermediate register uploads. The window can be moved by setting the registers
reg_addr_x_step and reg_addr_y_step. If they are both set to 0, the window does not move. If
one of the registers as set to a non-zero value, the window moves in that direction. If both are
set, the window moves diagonally.
Window stepping is only allowed if the number of frames is constrained. If the reg_nrof_frames
register is set to 0 (continuous frames), the value in the 'step' registers is ignored.
The reg_addr_x/y_step registers are 10-bit wide and represent a signed integer. This allows
stepping in both positive and negative directions (the window can move up-left, left, down-left,
down, down-right, right, up-right and up). These registers have the same behavior as the
windowing registers (steps of 8 and 16).
Table 11: Moving window setting
10-bit
Int
Signed int
00 0000 0000
0
0
00 0000 0001
1
1
…
01 1111 1111
511
511
10 0000 0000
512
-512
10 0000 0001
513
-511
…
11 1111 1111
1023
-1
If invalid frame settings are set in moving window mode (addresses out of range), frame
grabbing is aborted at the start of the next frame and the sensor will return to idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com