Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 37 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 37 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 33Page - ams-OSRAM AG CHR71000 Datasheet HTML 34Page - ams-OSRAM AG CHR71000 Datasheet HTML 35Page - ams-OSRAM AG CHR71000 Datasheet HTML 36Page - ams-OSRAM AG CHR71000 Datasheet HTML 37Page - ams-OSRAM AG CHR71000 Datasheet HTML 38Page - ams-OSRAM AG CHR71000 Datasheet HTML 39Page - ams-OSRAM AG CHR71000 Datasheet HTML 40Page - ams-OSRAM AG CHR71000 Datasheet HTML 41Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
CHR71000
Functional description
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
37 / 54
/
7.5
SPI programming
The register block contains an SPI register interface and the array of registers that are used for
the chip programmability. Each register is 8-bit wide and can be individually addressed for read
and write.
Data is always captured on the rising edge of SPI_CLK. When reading data from the sensor,
the sensor launches data after the rising edge of SPI_CLK. It shall be captured on the next
rising edge of SPI_CLK.
Because the SPI clock is internally sampled by the master clock, it should be 4x slower than
the input master clock. This means that for a 30 MHz master clock, the SPI clock frequency is
7.5MHz. The edges of the SPI clock should coincide with the falling edges of the master clock.
Also note that the master clock input should always be running when doing a SPI transfer.
The SPI I/O’s will not be tri-stated when not active.
7.5.1
SPI write
Data bits are written at each rising edge of the SPI clock (SPI_CLK). The control bit that is
clocked in first on the SPI_DIN line is used to indicate a write or read access cycle.
In case this control bit is ‘1’, the data bits are written into the on-chip registers as described
above.
Figure 19: SPI write timing
SPI_CLK
SPI_ENA
SPI_DIN
SPI_DOUT
C=1
A[6]
A[5]
A[4]
A[3]
A[2]
A[1]
A[0]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com