Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 48 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 48 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 44Page - ams-OSRAM AG CHR71000 Datasheet HTML 45Page - ams-OSRAM AG CHR71000 Datasheet HTML 46Page - ams-OSRAM AG CHR71000 Datasheet HTML 47Page - ams-OSRAM AG CHR71000 Datasheet HTML 48Page - ams-OSRAM AG CHR71000 Datasheet HTML 49Page - ams-OSRAM AG CHR71000 Datasheet HTML 50Page - ams-OSRAM AG CHR71000 Datasheet HTML 51Page - ams-OSRAM AG CHR71000 Datasheet HTML 52Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
CHR71000
Package drawings
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
48 / 54
/
10
Package drawings
10.1
Package
The sensor is packaged in a custom ceramic PGA. Figure 26 shows as the package drawing.
It has no mounting holes. In the current design 65 pins are provided. There is a single line of
13 pins on one side of the package and 4 lines of 13 pins on the other side. The 4 corner pins
have stand-off rings.
Figure 26: Package drawing of CHR71000
(1) All dimensions are in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com